Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2797 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2797
Description  120mA High Efficiency Step-Down Switched Capacitor Voltage Converter with Voltage Monitoring
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2797 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM2797 Datasheet HTML 1Page - National Semiconductor (TI) LM2797 Datasheet HTML 2Page - National Semiconductor (TI) LM2797 Datasheet HTML 3Page - National Semiconductor (TI) LM2797 Datasheet HTML 4Page - National Semiconductor (TI) LM2797 Datasheet HTML 5Page - National Semiconductor (TI) LM2797 Datasheet HTML 6Page - National Semiconductor (TI) LM2797 Datasheet HTML 7Page - National Semiconductor (TI) LM2797 Datasheet HTML 8Page - National Semiconductor (TI) LM2797 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
LM2797/LM2798
120mA High Efficiency Step-Down Switched Capacitor
Voltage Converter with Voltage Monitoring
General Description
The LM2797/98 switched capacitor step-down DC/DC con-
verters efficiently produce a 120mA regulated low-voltage
rail from a 2.6V to 5.5V input. Fixed output voltage options of
1.5V, 1.8V, and 2.0V are available. The LM2797/98 uses
multiple fractional gain configurations to maximize conver-
sion efficiency over the entire input voltage and output cur-
rent ranges. Also contributing to high overall efficiency is the
extremely low supply current of the LM2797/98: 35µA oper-
ating unloaded and 0.1µA in shutdown.
Features of the LM2797/98 include input voltage and output
voltage monitoring. Pin BATOK provides battery monitoring
by indicating when the input voltage is above 2.85V (typ.).
Pin POK verifies that the output voltage is not more than 5%
(typ.) below the nominal output voltage of the part.
The optimal external component requirements of the
LM2797/98 solution minimize size and cost, making the part
ideal for Li-Ion and other battery powered designs. Two 1µF
flying capacitors and two 10µF bypass capacitors are all that
is required, and no inductors are needed.
The LM2797/98 also features short-circuit protection over-
temperature protection, and soft-start circuitry to prevent
excessive inrush currents. The LM2798 has a 400µs turn-on
time. The turn-on time of the LM2797 is 100µs.
Features
n
Output voltage options:
2.0V ± 5%, 1.8V ± 5%, and 1.5V ± 6%
n
120mA output current capability
n
Multi-Gain and Gain Hopping for Highest Possible
Efficiency - up to 90% Efficient
n
2.6V to 5.5V input range
n
Input and Output Voltage Monitoring (BATOK and POK)
n
Low operating supply current: 35µA
n
Shutdown supply current: 0.1µA
n
Thermal and short circuit protection
n
LM2798 turn-on time: 400µs
LM2797 turn-on time: 100µs
n
Available in an 10-Pin MSOP Package
Applications
n
Cellular Phones
n
Pagers
n
H/PC and P/PC Devices
n
Portable Electronic Equipment
n
Handheld Instrumentation
Typical Application Circuit
20044501
April 2003
© 2003 National Semiconductor Corporation
DS200445
www.national.com


Similar Part No. - LM2797

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2791 NSC-LM2791 Datasheet
226Kb / 11P
Current Regulated Switched Capacitor LED Driver with Analog Brightness Control
logo
Texas Instruments
LM2791 TI1-LM2791 Datasheet
1Mb / 18P
LM2791 Current Regulated Switched Capacitor LED Driver with Analog Brightness Control
logo
National Semiconductor ...
LM2791LD-H NSC-LM2791LD-H Datasheet
226Kb / 11P
Current Regulated Switched Capacitor LED Driver with Analog Brightness Control
LM2791LD-L NSC-LM2791LD-L Datasheet
226Kb / 11P
Current Regulated Switched Capacitor LED Driver with Analog Brightness Control
logo
Texas Instruments
LM2791LD-L TI1-LM2791LD-L Datasheet
1Mb / 18P
LM2791 Current Regulated Switched Capacitor LED Driver with Analog Brightness Control
More results

Similar Description - LM2797

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2662 NSC-LM2662 Datasheet
282Kb / 12P
Switched Capacitor Voltage Converter
LM2664 NSC-LM2664 Datasheet
222Kb / 9P
Switched Capacitor Voltage Converter
LM2767 NSC-LM2767 Datasheet
194Kb / 9P
Switched Capacitor Voltage Converter
LM2766 NSC-LM2766 Datasheet
220Kb / 9P
Switched Capacitor Voltage Converter
LM2788 NSC-LM2788 Datasheet
372Kb / 12P
120mA High Efficiency Step-Down Switched Capacitor Voltage Converter
logo
TelCom Semiconductor, I...
TC828A TELCOM-TC828A Datasheet
67Kb / 8P
Switched Capacitor Voltage Converter
logo
Analog Intergrations Co...
AIC7660 AIC-AIC7660 Datasheet
317Kb / 11P
Switched-Capacitor Voltage Converter
logo
Linear Technology
LT1054L LINER-LT1054L_15 Datasheet
294Kb / 16P
Switched-Capacitor Voltage Converter with Regulator
logo
ON Semiconductor
NCV894530 ONSEMI-NCV894530 Datasheet
88Kb / 8P
High Efficiency Low Voltage Step-Down Converter
September, 2015 ??Rev. 2
NCV894630 ONSEMI-NCV894630 Datasheet
88Kb / 9P
High Efficiency Low Voltage Step-Down Converter
September, 2015 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com