Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2797 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2797
Description  120mA High Efficiency Step-Down Switched Capacitor Voltage Converter with Voltage Monitoring
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2797 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM2797 Datasheet HTML 6Page - National Semiconductor (TI) LM2797 Datasheet HTML 7Page - National Semiconductor (TI) LM2797 Datasheet HTML 8Page - National Semiconductor (TI) LM2797 Datasheet HTML 9Page - National Semiconductor (TI) LM2797 Datasheet HTML 10Page - National Semiconductor (TI) LM2797 Datasheet HTML 11Page - National Semiconductor (TI) LM2797 Datasheet HTML 12Page - National Semiconductor (TI) LM2797 Datasheet HTML 13Page - National Semiconductor (TI) LM2797 Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Layout Guidelines
Proper board layout to accommodate the LM2797/98 circuit
will help to ensure optimal performance. The following guide-
lines are recommended:
•
Place capacitors as close to the LM2797/98 as possible,
and preferably on the same side of the board as the IC.
•
Use short, wide traces to connect the external capacitors
to the LM2797/98 to minimize trace resistance and induc-
tance.
•
Use a low resistance connection between ground and the
GND pin of the LM2797/98. Using wide traces and/or
multiple vias to connect GND to a ground plane on the
board is most advantageous.
Figure 2 is a sample single-layer board layout that accom-
modates the LM2797/98 typical application circuit, as pic-
tured on the cover of this datasheet
20044524
FIGURE 2. Sample single-layer board layout of the LM2797/98 Typical Application Circuit
(Vias to a ground plane, assumed to be present, are located in the center of the LM2797/98 footprint.)
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com