Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2797 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2797
Description  120mA High Efficiency Step-Down Switched Capacitor Voltage Converter with Voltage Monitoring
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2797 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM2797 Datasheet HTML 1Page - National Semiconductor (TI) LM2797 Datasheet HTML 2Page - National Semiconductor (TI) LM2797 Datasheet HTML 3Page - National Semiconductor (TI) LM2797 Datasheet HTML 4Page - National Semiconductor (TI) LM2797 Datasheet HTML 5Page - National Semiconductor (TI) LM2797 Datasheet HTML 6Page - National Semiconductor (TI) LM2797 Datasheet HTML 7Page - National Semiconductor (TI) LM2797 Datasheet HTML 8Page - National Semiconductor (TI) LM2797 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Connection Diagram
LM2797/98
Mini SO-10 (MSOP-10) Package
NS Package #: MUB10A
20044502
Top View
Pin Description
Pin
Name
Description
1V
OUT
Regulated Output Voltage
2
C1-
First Flying Capacitor: Negative Terminal
3
C1+
First Flying Capicitor: Positive terminal
4V
IN
Input Voltage. Recommended V
IN Range: 2.6V to 5.5V
5
POK
Power-OK Indicator: Output voltage sense. Open-drain NFET output. With an
external pull-up resistor tied to POK, V(POK) will be high when V
OUT is
regulating correctly. When V
OUT falls out of regulation, the internal open-drain
FET pulls the POK voltage low.
6
BATOK
Battery-OK Indicator: Input voltage sense. Open-drain NFET output. With an
external pull-up resistor tied to BATOK, V(BATOK) will be high when V
IN >
2.85V (typ). LM2797/98 pulls V(BATOK) low when V
IN < 2.65V (typ.) , and/or
when the part is in shutdown [V(EN) = 0].
7
EN
Enable Logic Input. High voltage = ON, Low voltage = SHUTDOWN
8
C2+
Second Flying Capacitor: Positive Terminal
9
GND
Ground Connection
10
C2-
Second Flying Capacitor: Negative Terminal
Ordering Information
Nominal
Output
Voltage
V
OUT(NOM)
Turn-on
Time
Order Number
Package Marking
Supplied As:
1.80V
100µs
LM2797MM-1.8
S80B
1000 units on Tape-and Reel
LM2797MMX-1.8
3500 units on Tape-and-Reel
1.50V
400µs
LM2798MM-1.5
S56B
1000 units on Tape-and Reel
LM2798MMX-1.5
3500 units on Tape-and-Reel
1.80V
400µs
LM2798MM-1.8
S57B
1000 units on Tape-and Reel
LM2798MMX-1.8
3500 units on Tape-and-Reel
2.00V
400µs
LM2798MM-2.0
S58B
1000 units on Tape-and Reel
LM2798MMX-2.0
3500 units on Tape-and-Reel
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com