Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XVM-16R2656-R Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # XVM-16R2656-R
Description  16V Supercapacitor Module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

XVM-16R2656-R Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  XVM-16R2656-R Datasheet HTML 1Page - Cooper Bussmann, Inc. XVM-16R2656-R Datasheet HTML 2Page - Cooper Bussmann, Inc. XVM-16R2656-R Datasheet HTML 3Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Description
Eaton PowerStor supercapacitors are
unique, ultra-high capacitance devices
utilizing electrochemical double layer
capacitor (EDLC) construction combined
with new, high performance materials. This
combination of advanced
technologies allows Eaton to offer a wide
variety of capacitor solutions tailored to
specific applications.
The 16V XVM Series supercapacitor
module offers a means to easily achieve
higher voltage, power or discharge time
through series or parallel connection of
multiple modules.
PowerStor XVM Series
16V Supercapacitor Module
Technical Data 10105
Effective April 2014
PowerStor is now
part of Eaton
Same great
products plus
even more.
The PowerStor brand of
supercapacitors (formerly
of the Bussmann Division
of Cooper Industries)
is now part of
Eaton’s Electrical Group,
Electronics Division.
HALOGEN
HF
FREE
Features and benefits
•
Compact size for easy mounting as
replacement for, or in conjunction with a 12V
battery
•
Series or parallel connection of multiple
modules for higher voltage, power or discharge
time
•
High reliability, green solution for pulse or back
up power applications
•
Maintenance free
Applications
•
Industrial computer and emergency backup energy
•
Battery assist engine starting, especially for cold or
frequent starts
•
Graceful system shutdown for robotics, PLCs and
electrical switches
Supercapacitor Module


Similar Part No. - XVM-16R2656-R

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
XVM-16R2656-R EATON-XVM-16R2656-R Datasheet
974Kb / 4P
16 V, 65 F module
More results

Similar Description - XVM-16R2656-R

ManufacturerPart #DatasheetDescription
logo
Maxwell Technologies
BMOD0058E016 MAXWELL-BMOD0058E016 Datasheet
1,023Kb / 5P
16V SMALL CELL MODULE
BMOD0058E016B02 MAXWELL-BMOD0058E016B02 Datasheet
1,023Kb / 5P
16V SMALL CELL MODULE
logo
Illinois Capacitor, Inc...
105DCN5R5M ILLINOISCAPACITOR-105DCN5R5M Datasheet
137Kb / 1P
Supercapacitor
105DER2R5SFN ILLINOISCAPACITOR-105DER2R5SFN_17 Datasheet
120Kb / 1P
Supercapacitor
106DER2R5SGW ILLINOISCAPACITOR-106DER2R5SGW Datasheet
120Kb / 1P
Supercapacitor
205DCN2R7S ILLINOISCAPACITOR-205DCN2R7S Datasheet
128Kb / 1P
Supercapacitor
304DCN2R7SCBB ILLINOISCAPACITOR-304DCN2R7SCBB Datasheet
128Kb / 1P
Supercapacitor
306DCN2R7M ILLINOISCAPACITOR-306DCN2R7M Datasheet
128Kb / 1P
Supercapacitor
DGH105Q5R5 ILLINOISCAPACITOR-DGH105Q5R5 Datasheet
204Kb / 1P
Supercapacitor
DGH106Q2R7 ILLINOISCAPACITOR-DGH106Q2R7 Datasheet
204Kb / 1P
Supercapacitor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com