Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XVM-16R2656-R Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # XVM-16R2656-R
Description  16V Supercapacitor Module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

XVM-16R2656-R Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  XVM-16R2656-R Datasheet HTML 1Page - Cooper Bussmann, Inc. XVM-16R2656-R Datasheet HTML 2Page - Cooper Bussmann, Inc. XVM-16R2656-R Datasheet HTML 3Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.eaton.com/elx
2
XVM Series
16V Supercapacitor Modules
Technical Data 10105
Effective April 2014
Specifications
Working Voltage
16.2V
Surge Voltage
17V
Capacitance
65F
Capacitance Tolerance
0% to +20% (20°C)
Operating Temperature Range
-40°C to 65°C
Standard product
Capacitance
(F)*
Part Number
Max Initial
DC ESR
(mΩ)*
Max
Continuous
Current
(A)
Max Leakage
Current
(mA)*
Max Power
(KW)**
Stored Energy
(WH)***
Typical Mass
(kg)
65
XVM-16R2656-R
22
20
23
3.0
2.3
0.75
*
Capacitance, ESR and Leakage current are all measured according to IEC 62391-1.
** Max Power = V2 / 4 / DC ESR.
*** Stored Energy = ½ C V2 / 3600.
Performance
Parameter
Capacitance Change
(% of Initial Measured Value)
ESR
(% of Initial Measured Value)
Life (1500 hrs @ 65°C @ 16.2Vdc)
≤20%
≤200%
Storage - Uncharged, Non-condensing Atmosphere
(1 Year @ -40°C to 70°C)
≤5%
≤10%
Dimensions - mm
M5 Terminal (2X)
38.78
236.0
21.5
45.8 34.0
41.8
70.6
70.6
4.40 Thru (6X)
6.0 (2X)
18.0 (2X)
27.5
32.0
77.5
CL
CL



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com