Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XVM-16R2656-R Datasheet(PDF) 3 Page - Cooper Bussmann, Inc.

Part # XVM-16R2656-R
Description  16V Supercapacitor Module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

XVM-16R2656-R Datasheet(HTML) 3 Page - Cooper Bussmann, Inc.

  XVM-16R2656-R Datasheet HTML 1Page - Cooper Bussmann, Inc. XVM-16R2656-R Datasheet HTML 2Page - Cooper Bussmann, Inc. XVM-16R2656-R Datasheet HTML 3Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Eaton is a registered trademark.
All other trademarks are property
of their respective owners.
Eaton’s Electrical Group
Electronics Division
114 Old State Road
Ellisville, MO 63021
United States
www.eaton.com/elx
© 2014 Eaton
All Rights Reserved
Publication No. 10105 — BU-SB13542
April 2014
North America
Eaton’s Electrical Group
Electronics Division
1225 Broken Sound Parkway NW
Suite F
Boca Raton, FL 33487-3533
Tel: 1-561-998-4100
Fax: 1-561-241-6640
Toll Free: 1-888-414-2645
Eaton’s Electrical Group
Electronics Division
P.O. Box 14460
St. Louis, MO 63178-4460
Tel: 1-636-394-2877
Fax: 1-636-527-1607
Europe
Eaton’s Electrical Group
Electronics Division
Burton-on-the-Wolds
Leicestershire, LE 12 5th UK
Phone: +44 (0) 1509 882 600
Fax: +44 (0) 1509 882 786
Eaton’s Electrical Group
Electronics Division
Avda Santa Eulalia, 290
Terrassa, Barcelona 08223 Spain
Phone: +34-93-736-2813
Fax: +34-93-783-5055
Asia Pacific
Eaton’s Electrical Group
Electronics Division
No.2, #06-01
Serangoon North Avenue 5
Singapore 554911
Tel: +65 6645 9888
Fax: +65 6728 3155
The only controlled copy of this Data Sheet is the electronic read-only version located on the Bussmann Network Drive. All other copies of this document are by definition uncontrolled. This bulletin is
intended to clearly present comprehensive product data and provide technical information that will help the end user with design applications. Bussmann reserves the right, without notice, to change
design or construction of any products and to discontinue or limit distribution of any products. Bussmann also reserves the right to change or update, without notice, any technical information contained
in this bulletin. Once a product has been selected, it should be tested by the user in all possible applications.
Life Support Policy: Bussmann does not authorize the use of any of its products for use in life support devices or systems without the express written approval of an officer of the Company. Life support
systems are devices which support or sustain life, and whose failure to perform, when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result
in significant injury to the user.
XVM Series
16V Supercapacitor Modules
Technical Data 10105
Effective April 2014
Wiring configuration examples
Packaging information
•
Modules packed individually in a box
•
Boxed modules are packed 10 to a carton
+
+
+
+
+
+
+
+
Series*
32.4V, 32.5F, 20A
+
+
Parallel
16.2V, 130F, 40A
Series/parallel*
48.6V, 43.3F, 40A
Part marking
•
Manufacturer
•
Capacitance (F)
•
Nominal Working Voltage (V)
•
Series Code (or part number)
•
Polarity
* Maximum opertating voltage 640V.
Agency information
•
UL 810A Recognized, File MH46887
Environmental
•
Vibration Specification: IEC 60068-2-6
•
Shock Specification: IEC 60068-2-27, -29
•
Protection Level: IP54
•
Cooling: Natural Convection
Mechanical specifications
•
Terminal Screws: M5 Philslot,
Nickel-Plated Brass
MaxTorque4N•m
•
Mounting Points: Six, Brass Reinforced,
Accommodate M4 Screws,
Min Length 27.5mm
MaxTorque4N•m
•
Mounting Orientation: No Restriction



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com