Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8AL3138 Datasheet(PDF) 66 Page - STMicroelectronics

Part # STM8AL3138
Description  Automotive 8-bit ultra-low-power MCU, up to 32 Kbyte Flash, RTC, data EEPROM, LCD, timers, USART, I2C, SPI, ADC, DAC, COMPs
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AL3138 Datasheet(HTML) 66 Page - STMicroelectronics

Back Button STM8AL3138 Datasheet HTML 62Page - STMicroelectronics STM8AL3138 Datasheet HTML 63Page - STMicroelectronics STM8AL3138 Datasheet HTML 64Page - STMicroelectronics STM8AL3138 Datasheet HTML 65Page - STMicroelectronics STM8AL3138 Datasheet HTML 66Page - STMicroelectronics STM8AL3138 Datasheet HTML 67Page - STMicroelectronics STM8AL3138 Datasheet HTML 68Page - STMicroelectronics STM8AL3138 Datasheet HTML 69Page - STMicroelectronics STM8AL3138 Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 124 page
background image
Electrical parameters
STM8AL313x/4x/6x STM8AL3L4x/6x
66/124
DocID18474 Rev 7
IDD(RUN)
Supply
current
in Run
mode
All
peripherals
OFF, code
executed
from Flash,
VDD from
1.65 V to
3.6 V
HSI RC
osc.(5)
fCPU = 125 kHz
0.45
0.60(3)
mA
fCPU = 1 MHz
0.60
0.85(3)
fCPU = 4 MHz
1.10
1.45(3)
fCPU = 8 MHz
1.90
2.40(3)
fCPU = 16 MHz
3.80
4.90
HSE external
clock
(fCPU=fHSE)
(4)
fCPU = 125 kHz
0.30
0.45(3)
fCPU = 1 MHz
0.40
0.55(3)
fCPU = 4 MHz
1.15
1.50(3)
fCPU = 8 MHz
2.15
2.75(3)
fCPU = 16 MHz
4.00
4.75(3)
LSI RC osc.
fCPU = fLSI
100
150(3)
μA
LSE external
clock
(32.768
kHz)(6)
fCPU = fLSE
100
120(3)
1. CPU executing typical data processing
2. The run from RAM consumption can be approximated with the linear formula:
IDD(run_from_RAM) = Freq * 90 µA/MHz + 400µA
3. Data based on characterization results, not tested in production.
4. Oscillator bypassed (HSEBYP = 1 in CLK_ECKCR). When configured for external crystal, the HSE
consumption (IDD HSE) must be added. Refer to Table 32.
5. The run from Flash consumption can be approximated with the linear formula:
IDD(run_from_Flash) = Freq * 195 µA/MHz + 440 µA
6. Oscillator bypassed (LSEBYP = 1 in CLK_ECKCR). When configured for external crystal, the LSE
consumption (IDD LSE) must be added. Refer to Table 33.
Table 21. Total current consumption in Run mode (continued)
Symbol
Parameter
Conditions
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com