Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8AL3138 Datasheet(PDF) 97 Page - STMicroelectronics

Part # STM8AL3138
Description  Automotive 8-bit ultra-low-power MCU, up to 32 Kbyte Flash, RTC, data EEPROM, LCD, timers, USART, I2C, SPI, ADC, DAC, COMPs
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AL3138 Datasheet(HTML) 97 Page - STMicroelectronics

Back Button STM8AL3138 Datasheet HTML 93Page - STMicroelectronics STM8AL3138 Datasheet HTML 94Page - STMicroelectronics STM8AL3138 Datasheet HTML 95Page - STMicroelectronics STM8AL3138 Datasheet HTML 96Page - STMicroelectronics STM8AL3138 Datasheet HTML 97Page - STMicroelectronics STM8AL3138 Datasheet HTML 98Page - STMicroelectronics STM8AL3138 Datasheet HTML 99Page - STMicroelectronics STM8AL3138 Datasheet HTML 100Page - STMicroelectronics STM8AL3138 Datasheet HTML 101Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 124 page
background image
DocID18474 Rev 7
97/124
STM8AL313x/4x/6x STM8AL3L4x/6x
Electrical parameters
108
In the following table, data are guaranteed by design, not tested in production.
Table 52. Comparator 2 characteristics
Symbol
Parameter
Conditions
Min
Typ
Max(1)
1. Based on characterization, not tested in production.
Unit
VDDA
Analog supply voltage
-
1.65
-
3.6
V
TA
Temperature range
-
-40
-
125
°C
VIN
Comparator 2 input
voltage range
-0
-
VDDA
V
tSTART
Comparator startup time
Fast mode
-
15
20
µs
Slow mode
-
20
25
td slow
Propagation delay in
slow mode(2)
2. The delay is characterized for 100 mV input step with 10 mV overdrive on the inverting input, the non-
inverting input set to the reference.
1.65 V
≤VDDA ≤2.7 V
-
1.8
3.5
2.7 V
≤VDDA ≤3.6 V
2.5
6
td fast
Propagation delay in fast
mode(2)
1.65 V
≤VDDA ≤2.7 V
-
0.8
2
2.7 V
≤VDDA ≤3.6 V
1.2
4
Voffset
Comparator offset error
-
-
±4
±20
mV
ICOMP2
Current consumption(3)
3. Comparator consumption only. Internal reference voltage not included.
Fast mode
-
3.5
5
µA
Slow mode
0.5
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com