Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8AL3138 Datasheet(PDF) 29 Page - STMicroelectronics

Part # STM8AL3138
Description  Automotive 8-bit ultra-low-power MCU, up to 32 Kbyte Flash, RTC, data EEPROM, LCD, timers, USART, I2C, SPI, ADC, DAC, COMPs
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AL3138 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STM8AL3138 Datasheet HTML 25Page - STMicroelectronics STM8AL3138 Datasheet HTML 26Page - STMicroelectronics STM8AL3138 Datasheet HTML 27Page - STMicroelectronics STM8AL3138 Datasheet HTML 28Page - STMicroelectronics STM8AL3138 Datasheet HTML 29Page - STMicroelectronics STM8AL3138 Datasheet HTML 30Page - STMicroelectronics STM8AL3138 Datasheet HTML 31Page - STMicroelectronics STM8AL3138 Datasheet HTML 32Page - STMicroelectronics STM8AL3138 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 124 page
background image
DocID18474 Rev 7
29/124
STM8AL313x/4x/6x STM8AL3L4x/6x
Pin description
54
-5
5
PA5/TIM3_BKIN/
[TIM3_ETR](4)/
LCD_COM1(2)/ADC1_IN1
/COMP1_INP
I/O TT(3) X
X
X
HS
X
X Port A5
Timer 3 - break input /
[Timer 3 - trigger] /
LCD_COM 1 /
ADC1 input 1 /
Comparator 1 positive
input
76
6
PA6/[ADC1_TRIG](4)/
LCD_COM2(2)/ADC1_IN0
/COMP1_INP
I/O TT(3) X
X
X
HS
X
X Port A6
[ADC1 - trigger] /
LCD_COM2 /
ADC1 input 0 /
Comparator 1 positive
input
8
-
-
PA7/LCD_SEG0(2)(5)
I/O FT
X
X
X
HS
X
X Port A7
LCD segment 0
24 13
13
PB0(6)/TIM2_CH1/
LCD_SEG10(2)/
ADC1_IN18/COMP1_INP
I/O TT(3) X(6) X(6) XHS
X
X Port B0
Timer 2 - channel 1 /
LCD segment 10 /
ADC1_IN18 /
Comparator 1 positive
input
25 14
14
PB1/TIM3_CH1/
LCD_SEG11(2)/
ADC1_IN17/COMP1_INP
I/O TT(3) X
X
X
HS
X
X Port B1
Timer 3 - channel 1 /
LCD segment 11 /
ADC1_IN17 /
Comparator 1 positive
input
26 15
15
PB2/ TIM2_CH2/
LCD_SEG12(2)/
ADC1_IN16/COMP1_INP
I/O TT(3) X
X
X
HS
X
X Port B2
Timer 2 - channel 2 /
LCD segment 12 /
ADC1_IN16/
Comparator 1 positive
input
27
-
-
PB3/TIM2_ETR/
LCD_SEG13(2)/
ADC1_IN15/COMP1_INP
I/O TT(3) X
X
X
HS
X
X Port B3
Timer 2 - trigger /
LCD segment 13
/ADC1_IN15 /
Comparator 1 positive
input
-16
16
PB3/[TIM2_ETR](4)/
TIM1_CH2N/LCD_SEG13
(2)/ADC1_IN15/
COMP1_INP
I/O TT(3) X
X
X
HS
X
X Port B3
[Timer 2 - trigger] /
Timer 1 inverted
channel 2 / LCD
segment 13 /
ADC1_IN15 /
Comparator 1 positive
input
Table 5. Medium-density STM8AL313x/4x/6x and STM8AL3L4x/6x pin description (continued)
Pin number
Pin name
Input
Output
Default alternate
function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com