Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8AL3146 Datasheet(PDF) 70 Page - STMicroelectronics

Part # STM8AL3146
Description  Automotive 8-bit ultra-low-power MCU, up to 32 Kbyte Flash, RTC, data EEPROM, LCD, timers, USART, I2C, SPI, ADC, DAC, COMPs
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AL3146 Datasheet(HTML) 70 Page - STMicroelectronics

Back Button STM8AL3146 Datasheet HTML 66Page - STMicroelectronics STM8AL3146 Datasheet HTML 67Page - STMicroelectronics STM8AL3146 Datasheet HTML 68Page - STMicroelectronics STM8AL3146 Datasheet HTML 69Page - STMicroelectronics STM8AL3146 Datasheet HTML 70Page - STMicroelectronics STM8AL3146 Datasheet HTML 71Page - STMicroelectronics STM8AL3146 Datasheet HTML 72Page - STMicroelectronics STM8AL3146 Datasheet HTML 73Page - STMicroelectronics STM8AL3146 Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 124 page
background image
Electrical parameters
STM8AL313x/4x/6x STM8AL3L4x/6x
70/124
DocID18474 Rev 7
1. No floating I/Os.
2. Data based on characterization results, not tested in production.
3. Tested at 85°C for temperature range A or 125°C for temperature range C.
4. Oscillator bypassed (LSEBYP = 1 in CLK_ECKCR). When configured for external crystal, the LSE consumption
(IDD LSE) must be added. Refer to Table 33.
Table 25. Total current consumption and timing in active-halt mode at VDD = 1.65 V to 3.6 V
Symbol
Parameter
Conditions (1)
Typ
Max(2) Unit
IDD(AH)
Supply current in
Active-halt mode
LSI RC
(at 38 kHz)
LCD OFF(3)
TA = -40 °C to 25 °C
0.90
2.10
μA
TA = 85 °C
1.50
3.40
TA = 125 °C
5.10
12.00
LCD ON
(static duty/
external
VLCD) (4)
TA = -40 °C to 25 °C
1.40
3.10
TA = 85 °C
1.90
4.30
TA = 125 °C
5.50
13.00
LCD ON
(1/4 duty/
external
VLCD) (5)
TA = -40 °C to 25 °C
1.90
4.30
TA = 85 °C
2.40
5.40
TA = 125 °C
6.00
15.00
LCD ON
(1/4 duty/
internal
VLCD) (6)
TA = -40 °C to 25 °C
3.90
8.75
TA = 85 °C
4.50
10.20
TA = 125 °C
6.80
16.30
IDD(AH)
Supply current in
Active-halt mode
LSE external
clock
(32.768 kHz)
(7)
LCD OFF(8)
TA = -40 °C to 25 °C
0.50
1.20
μA
TA = 85 °C
0.90
2.10
TA = 125 °C
4.80
11.00
LCD ON
(static duty/
external
VLCD) (4)
TA = -40 °C to 25 °C
0.85
1.90
TA = 85 °C
1.30
3.20
TA = 125 °C
5.00
12.00
LCD ON
(1/4 duty/
external
VLCD) (5)
TA = -40 °C to 25 °C
1.50
2.50
TA = 85 °C
1.80
4.20
TA = 125 °C
5.70
14.00
LCD ON
(1/4 duty/
internal
VLCD) (6)
TA = -40 °C to 25 °C
3.40
7.60
TA = 85 °C
3.90
9.20
TA = 125 °C
6.30
15.20
IDD(WUFAH)
Supply current during
wakeup time from
Active-halt mode
(using HSI)
--
-
2.40
-
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com