Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8AL3146 Datasheet(PDF) 94 Page - STMicroelectronics

Part # STM8AL3146
Description  Automotive 8-bit ultra-low-power MCU, up to 32 Kbyte Flash, RTC, data EEPROM, LCD, timers, USART, I2C, SPI, ADC, DAC, COMPs
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AL3146 Datasheet(HTML) 94 Page - STMicroelectronics

Back Button STM8AL3146 Datasheet HTML 90Page - STMicroelectronics STM8AL3146 Datasheet HTML 91Page - STMicroelectronics STM8AL3146 Datasheet HTML 92Page - STMicroelectronics STM8AL3146 Datasheet HTML 93Page - STMicroelectronics STM8AL3146 Datasheet HTML 94Page - STMicroelectronics STM8AL3146 Datasheet HTML 95Page - STMicroelectronics STM8AL3146 Datasheet HTML 96Page - STMicroelectronics STM8AL3146 Datasheet HTML 97Page - STMicroelectronics STM8AL3146 Datasheet HTML 98Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 124 page
background image
Electrical parameters
STM8AL313x/4x/6x STM8AL3L4x/6x
94/124
DocID18474 Rev 7
9.3.9
LCD controller (STM8AL3Lxx only)
In the following table, data are guaranteed by design and are not tested in production.
VLCD external capacitor (STM8AL3Lxx only)
The application can achieve a stabilized LCD reference voltage by connecting an external
capacitor CEXT to the VLCD pin. CEXT is specified in Table 48.
Table 48. LCD characteristics
Symbol
Parameter
Min
Typ
Max.
Unit
VLCD
LCD external voltage
-
-
3.6
V
VLCD0
LCD internal reference voltage 0
-
2.6
-
VLCD1
LCD internal reference voltage 1
-
2.7
-
VLCD2
LCD internal reference voltage 2
-
2.8
-
VLCD3
LCD internal reference voltage 3
-
2.9
-
VLCD4
LCD internal reference voltage 4
-
3.0
-
VLCD5
LCD internal reference voltage 5
-
3.1
-
VLCD6
LCD internal reference voltage 6
-
3.2
-
VLCD7
LCD internal reference voltage 7
-
3.3
-
CEXT
VLCD external capacitance
0.1
-
2
µF
IDD
Supply current(1) at VDD = 1.8 V
1. LCD enabled with 3 V internal booster (LCD_CR1 = 0x08), 1/4 duty, 1/3 bias, division ratio= 64, all pixels
active, no LCD connected.
-3
-
µA
Supply current(1) at VDD = 3 V
-
3
-
RHN (2)
2. RHN is the total high value resistive network.
High value resistive network (low drive)
-
6.6
-
M
Ω
RLN (3)
3. RLN is the total low value resistive network.
Low value resistive network (high drive)
-
360
-
k
Ω
V33
Segment/Common higher level voltage
-
-
VLCDx
V
V23
Segment/Common 2/3 level voltage
-
2/3VLCDx
-
V12
Segment/Common 1/2 level voltage
-
1/2VLCDx
-
V13
Segment/Common 1/3 level voltage
-
1/3VLCDx
-
V0
Segment/Common lowest level voltage
0
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com