Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8AL3146 Datasheet(PDF) 100 Page - STMicroelectronics

Part # STM8AL3146
Description  Automotive 8-bit ultra-low-power MCU, up to 32 Kbyte Flash, RTC, data EEPROM, LCD, timers, USART, I2C, SPI, ADC, DAC, COMPs
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AL3146 Datasheet(HTML) 100 Page - STMicroelectronics

Back Button STM8AL3146 Datasheet HTML 96Page - STMicroelectronics STM8AL3146 Datasheet HTML 97Page - STMicroelectronics STM8AL3146 Datasheet HTML 98Page - STMicroelectronics STM8AL3146 Datasheet HTML 99Page - STMicroelectronics STM8AL3146 Datasheet HTML 100Page - STMicroelectronics STM8AL3146 Datasheet HTML 101Page - STMicroelectronics STM8AL3146 Datasheet HTML 102Page - STMicroelectronics STM8AL3146 Datasheet HTML 103Page - STMicroelectronics STM8AL3146 Datasheet HTML 104Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 124 page
background image
Electrical parameters
STM8AL313x/4x/6x STM8AL3L4x/6x
100/124
DocID18474 Rev 7
9.3.14
12-bit ADC1 characteristics
In the following table, data are guaranteed by design, not tested in production.
Table 56. ADC1 characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDDA
Analog supply voltage
-
1.8
-
3.6
V
VREF+
Reference supply
voltage
2.4 V
≤VDDA≤ 3.6 V
2.4
-
VDDA
1.8 V
≤VDDA≤ 2.4 V
VDDA
VREF-
Lower reference voltage
-
VSSA
IVDDA
Current on the VDDA
input pin
-
-
1000
1450
µA
IVREF+
Current on the VREF+
input pin
--
400
700
(peak)(1)
--
450
(average)(1)
VAIN
Conversion voltage
range
-
0(2)
-
VREF+
-
TA
Temperature range
-
-40
-
125
°C
RAIN
External resistance on
VAIN
on PF0 fast channel
-
-
50(3)
k
Ω
on all other channels
-
-
CADC
Internal sample and hold
capacitor
on PF0 fast channel
-
16
-
pF
on all other channels
-
-
fADC
ADC sampling clock
frequency
2.4 V
≤VDDA≤3.6 V
without zooming
0.320
-
16
MHz
1.8 V
≤VDDA≤2.4 V
with zooming
0.320
-
8
fCONV
12-bit conversion rate
VAIN on PF0 fast
channel
--
1(4)(5)
VAIN on all other
channels
--
760(4)(5)
kHz
fTRIG
External trigger
frequency
--
-
tconv
1/fADC
tLAT
External trigger latency
-
-
-
3.5
1/fSYSCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com