Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S903K3 Datasheet(PDF) 70 Page - STMicroelectronics

Part # STM8S903K3
Description  16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, 1 Kbyte RAM, 640 bytes EEPROM,10-bit ADC, 2 timers, UART, SPI, IC
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S903K3 Datasheet(HTML) 70 Page - STMicroelectronics

Back Button STM8S903K3 Datasheet HTML 66Page - STMicroelectronics STM8S903K3 Datasheet HTML 67Page - STMicroelectronics STM8S903K3 Datasheet HTML 68Page - STMicroelectronics STM8S903K3 Datasheet HTML 69Page - STMicroelectronics STM8S903K3 Datasheet HTML 70Page - STMicroelectronics STM8S903K3 Datasheet HTML 71Page - STMicroelectronics STM8S903K3 Datasheet HTML 72Page - STMicroelectronics STM8S903K3 Datasheet HTML 73Page - STMicroelectronics STM8S903K3 Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 121 page
background image
Electrical characteristics
STM8S903K3 STM8S903F3
70/121
DocID15590 Rev 10
10.3.5
Memory characteristics
RAM and hardware registers
Flash program memory/data EEPROM memory
Table 38. RAM and hardware registers
Symbol
Parameter
Conditions
Min
Unit
VRM
Data retention mode(1)
1. Minimum supply voltage without losing data stored in RAM (in halt mode or under reset) or in hardware
registers (only in halt mode). Guaranteed by design, not tested in production.
Halt mode (or reset)
VIT-max(2)
2. Refer to Section 10.3: Operating conditions for the value of VIT-max.
V
Table 39. Flash program memory/data EEPROM memory
Symbol
Parameter
Conditions
Min(1)
1. Data based on characterization results, not tested in production.
Typ
Max
Unit
VDD
Operating voltage
(all modes, execution/write/erase)
fCPU≤ 16 MHz
2.95
-
5.5
V
tprog
Standard programming time (including
erase) for byte/word/block
(1 byte/4 bytes/64 bytes)
--
6
6.6
ms
Fast programming time for 1 block
(64 bytes)
--
3
3.33
terase
Erase time for 1 block (64 bytes)
-
-
3
3.33
tRET
Data retention (program and data
memory) after 10k erase/write cycles
at TA= +55 °C
TRET = 55 °C
20
-
-
year
Data retention (data memory) after
300k erase/write cycles at
TA= +125°C
TRET = 85 °C
1
-
-
IDD
Supply current (Flash programming or
erasing for 1 to 128 bytes)
--
2
-
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com