Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S903K3 Datasheet(PDF) 18 Page - STMicroelectronics

Part # STM8S903K3
Description  16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, 1 Kbyte RAM, 640 bytes EEPROM,10-bit ADC, 2 timers, UART, SPI, IC
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S903K3 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STM8S903K3 Datasheet HTML 14Page - STMicroelectronics STM8S903K3 Datasheet HTML 15Page - STMicroelectronics STM8S903K3 Datasheet HTML 16Page - STMicroelectronics STM8S903K3 Datasheet HTML 17Page - STMicroelectronics STM8S903K3 Datasheet HTML 18Page - STMicroelectronics STM8S903K3 Datasheet HTML 19Page - STMicroelectronics STM8S903K3 Datasheet HTML 20Page - STMicroelectronics STM8S903K3 Datasheet HTML 21Page - STMicroelectronics STM8S903K3 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 121 page
background image
Product overview
STM8S903K3 STM8S903F3
18/121
DocID15590 Rev 10
4.12
TIM6 - 8-bit basic timer
8-bit autoreload, adjustable prescaler ratio to any power of 2 from 1 to 128
Clock source: CPU clock
Interrupt source: 1 x overflow/update
Synchronization module to control the timer with external signals or to synchronize with
TIM1 or TIM5.
4.13
Analog-to-digital converter (ADC1)
The STM8S903K3/F3 family products contain a 10-bit successive approximation A/D
converter (ADC1) with up to 7 external and 1 internal multiplexed input channels and the
following main features:
Input voltage range: 0 to VDD
Conversion time: 14 clock cycles
Single and continuous and buffered continuous conversion modes
Buffer size (n x 10 bits) where n = number of input channels
Scan mode for single and continuous conversion of a sequence of channels
Analog watchdog capability with programmable upper and lower thresholds
Internal reference voltage on channel AIN7
Analog watchdog interrupt
External trigger input
Trigger from TIM1 TRGO
End of conversion (EOC) interrupt
Internal bandgap reference voltage
Channel AIN7 is internally connected to the internal bandgap reference voltage. The internal
bandgap reference is constant and can be used for example to monitor VDD. It is
independent of variations in VDD and ambient temperature TA.
Table 3. TIM timer features
Timer
Counter
size (bits)
Prescaler
Counting
mode
CAPCOM
channels
Complementary
outputs
Ext.
trigger
Timer
synchronization/
chaining
TIM1
16
Any integer
from 1 to
65536
Up/down
4
3
Yes
Yes
TIM5
16
Any power of
2 from 1 to
32768
Up
3
0
No
TIM6
8
Any power of
2 from 1 to
128
Up
0
0
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com