Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S903K3 Datasheet(PDF) 19 Page - STMicroelectronics

Part # STM8S903K3
Description  16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, 1 Kbyte RAM, 640 bytes EEPROM,10-bit ADC, 2 timers, UART, SPI, IC
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S903K3 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STM8S903K3 Datasheet HTML 15Page - STMicroelectronics STM8S903K3 Datasheet HTML 16Page - STMicroelectronics STM8S903K3 Datasheet HTML 17Page - STMicroelectronics STM8S903K3 Datasheet HTML 18Page - STMicroelectronics STM8S903K3 Datasheet HTML 19Page - STMicroelectronics STM8S903K3 Datasheet HTML 20Page - STMicroelectronics STM8S903K3 Datasheet HTML 21Page - STMicroelectronics STM8S903K3 Datasheet HTML 22Page - STMicroelectronics STM8S903K3 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 121 page
background image
DocID15590 Rev 10
19/121
STM8S903K3 STM8S903F3
Product overview
20
4.14
Communication interfaces
The following communication interfaces are implemented:
UART1: Full feature UART, synchronous mode, SPI master mode, SmartCard mode,
IrDA mode, single wire mode, LIN2.1 master capability
SPI: Full and half-duplex, 8 Mbit/s
I²C: Up to 400 kbit/s
4.14.1
UART1
Main features
One Mbit/s full duplex SCI
SPI emulation
High precision baud rate generator
SmartCard emulation
IrDA SIR encoder decoder
LIN master mode
Single wire half duplex mode
Asynchronous communication (UART mode)
Full duplex communication - NRZ standard format (mark/space)
Programmable transmit and receive baud rates up to 1 Mbit/s (fCPU/16) and capable
of following any standard baud rate regardless of the input frequency
Separate enable bits for transmitter and receiver
Two receiver wakeup modes:
–
Address bit (MSB)
–
Idle line (interrupt)
Transmission error detection with interrupt generation
Parity control
Synchronous communication
Full duplex synchronous transfers
SPI master operation
8-bit data communication
Maximum speed: 1 Mbit/s at 16 MHz (fCPU/16)
LIN master mode
Emission: Generates 13-bit synch. break frame
Reception: Detects 11-bit break frame



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com