Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSX393IDT Datasheet(PDF) 8 Page - STMicroelectronics

Part # TSX393IDT
Description  Micropower dual CMOS voltage comparators
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSX393IDT Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TSX393IDT Datasheet HTML 4Page - STMicroelectronics TSX393IDT Datasheet HTML 5Page - STMicroelectronics TSX393IDT Datasheet HTML 6Page - STMicroelectronics TSX393IDT Datasheet HTML 7Page - STMicroelectronics TSX393IDT Datasheet HTML 8Page - STMicroelectronics TSX393IDT Datasheet HTML 9Page - STMicroelectronics TSX393IDT Datasheet HTML 10Page - STMicroelectronics TSX393IDT Datasheet HTML 11Page - STMicroelectronics TSX393IDT Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
Electrical characteristics
TSX393
8/23
DocID026989 Rev 3
Table 4: VCC+ = 5 V, VCC- = 0 V, Tamb = 25 ºC (unless otherwise specified)
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
Vio
Input offset voltage (1)
Vicm = VCC/2
-5
0.1
5
mV
Tmin
≤ Tamb ≤ Tmax
-6
6
Iio
Input offset current (2)
Vicm = VCC/2
1
10
pA
Tmin
≤ Tamb ≤ Tmax
600
Iib
Input bias current (2)
Vicm = VCC/2
1
10
Tmin
≤ Tamb ≤ Tmax
1200
CMR
Common-mode
rejection ratio
Vicm = 0 to (VCC+) - 1.5 V
66
85
dB
Vicm = 0 to (VCC+) - 2 V,
Tmin
≤ Tamb ≤ Tmax
65
SVR
Supply voltage
rejection ratio
VCC+ = 5 V to 10 V, Vicm = VCC/2
71
89
Tmin
≤ Tamb ≤ Tmax
70
IOH
High-level output
voltage
Vid = 1 V, VOH = 5 V
1
40
nA
Tmin
≤ Tamb ≤ Tmax
1000
VOL
Low-level output
voltage
Vid = -1 V, IOL = 4 mA
180
250
mV
Tmin
≤ Tamb ≤ Tmax
400
ICC
Supply current per
comparator
No load, outputs low
5
8
μA
Tmin
≤ Tamb ≤ Tmax
9
No load, outputs high
9
10
Tmin
≤ Tamb ≤ Tmax
11
tPLH
Response time low to
high
Vicm = 0 V, f = 10 kHz, RL
= 5.1 kΩ,
CL = 50 pF, overdrive = 5 mV
2.5
μs
Overdrive = 10 mV
1.6
Overdrive = 20 mV
1.0
Overdrive = 40 mV
0.7
Overdrive = 100 mV
0.52
0.6
Tmin
≤ Tamb ≤ Tmax
0.7
TTL input (3)
0.55
0.7
Tmin
≤ Tamb ≤ Tmax
0.75
tPHL
Response time high
to low
Vicm = 0 V, f = 10 kHz, RL
= 5.1 kΩ,
CL = 50 pF, overdrive = 5 mV
2.8
Overdrive = 10 mV
1.8
Overdrive = 20 mV
1.0
Overdrive = 40 mV
0.7
Overdrive = 100 mV
0.46
0.6
Tmin
≤ Tamb ≤ Tmax
0.7
TTL input (3)
0.30
0.40
Tmin
≤ Tamb ≤ Tmax
0.50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com