Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSX393IDT Datasheet(PDF) 9 Page - STMicroelectronics

Part # TSX393IDT
Description  Micropower dual CMOS voltage comparators
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSX393IDT Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TSX393IDT Datasheet HTML 5Page - STMicroelectronics TSX393IDT Datasheet HTML 6Page - STMicroelectronics TSX393IDT Datasheet HTML 7Page - STMicroelectronics TSX393IDT Datasheet HTML 8Page - STMicroelectronics TSX393IDT Datasheet HTML 9Page - STMicroelectronics TSX393IDT Datasheet HTML 10Page - STMicroelectronics TSX393IDT Datasheet HTML 11Page - STMicroelectronics TSX393IDT Datasheet HTML 12Page - STMicroelectronics TSX393IDT Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
TSX393
Electrical characteristics
DocID026989 Rev 3
9/23
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
tf
Fall time
f = 10 kHz, CL = 50 pF,
RL
= 5.1 kΩ, overdrive 50 mV
30
ns
Notes:
(1)The specified offset voltage is the maximum value required to drive the output up to 4.5 V or down to 0.3 V
(2)Guaranteed by design
(3)A step from 0 V to 3 V is applied on one input while the other is fixed at 1.4 V. Response time is the time interval
between the application of the input voltage step and the moment the output voltage reaches 50 % of its final
value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com