Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSX393IDT Datasheet(PDF) 19 Page - STMicroelectronics

Part # TSX393IDT
Description  Micropower dual CMOS voltage comparators
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSX393IDT Datasheet(HTML) 19 Page - STMicroelectronics

Back Button TSX393IDT Datasheet HTML 15Page - STMicroelectronics TSX393IDT Datasheet HTML 16Page - STMicroelectronics TSX393IDT Datasheet HTML 17Page - STMicroelectronics TSX393IDT Datasheet HTML 18Page - STMicroelectronics TSX393IDT Datasheet HTML 19Page - STMicroelectronics TSX393IDT Datasheet HTML 20Page - STMicroelectronics TSX393IDT Datasheet HTML 21Page - STMicroelectronics TSX393IDT Datasheet HTML 22Page - STMicroelectronics TSX393IDT Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
TSX393
Package information
DocID026989 Rev 3
19/23
Figure 20: DFN8 2x2 recommended footprint
1.80 mm
2.80 mm
0.75 mm
0.30 mm
0.50 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com