Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STRADA Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # STRADA
Description  Backplane Connectors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

STRADA Datasheet(HTML) 2 Page - TE Connectivity Ltd

  STRADA Datasheet HTML 1Page - TE Connectivity Ltd STRADA Datasheet HTML 2Page - TE Connectivity Ltd STRADA Datasheet HTML 3Page - TE Connectivity Ltd STRADA Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PAGE 2
DATA AND DEVICES /// STRADA WHISPER BACKPLANE CONNECTORS
STRADA WHISPER BACKPLANE CONNECTORS
Applications
•
Servers & Storage
•
Switches
•
Routers
•
Optical Transport
•
Wireless infrastructure
Electrical Specifications
•
Power Sum FEXT is lower than -50 dB for system
implementation at 12.5 GHz
•
Insertion loss is less than 1dB and linear up to 20 GHz
•
Individual shielded pairs offer excellent signal integrity / EMI
performance
•
Little to no skew through high-speed differential pairs
•
Common mode impedance controlled throughout the
connector, including footprint and mating interface
•
Superior 25-Gbps electrical performance maintained even
in a 1.5mm unmated condition
•
No reliance on noise cancellation, unlike some competitive
products, which can be critical in high-speed applications
•
85-Ohm and 100-Ohm versions available
Cabled-Midplane
Orthogonal Midplane
PRODUCT OFFERINGS
TE offers the STRADA Whisper
product family in multiple versions:
standard, orthogonal (for mid-plane
structures), direct plug orthogonal
(DPO) and a cabled version that
allows you to run longer distances
with lower insertion loss than PCB
materials.
• Backplane Configuration
» 4.5mm right-angle receptacle
» 4.5mm vertical header
» 3.9m right-angle receptacle
» 3.9mm vertical header
• Orthogonal Midplane
configuration
» 3.9mm orthogonal right-angle
receptacle
» 3.9mm orthogonal header
• DPO Configuration
» 3.9mm DPO connector
» 3.9mm orthogonal right angle
receptacle
• Cable Assemblies
» 3.9mm cable assembly
• Embedded Cap Receptacles
(in development)
4.5mm products are offered in
100-Ohm and 3.9mm configurations
are offered in 85- and 100-Ohm
versions.
Support Tools:
S-parameter Models
Routing Designs
Application Instructions
Related Links:
Whitepaper
24
68
10
12
14
16
18
020
-80
-60
-40
-20
-100
0
Frequency, GHz
STRADA Whisper 40" Backplane Link
@12.89GHz
Insertion Loss:
-33.3dB
Power Sum XTalk: -61.0dB
Direct Plug Orthogonal



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com