Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STRADA Datasheet(PDF) 3 Page - TE Connectivity Ltd

Part # STRADA
Description  Backplane Connectors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

STRADA Datasheet(HTML) 3 Page - TE Connectivity Ltd

  STRADA Datasheet HTML 1Page - TE Connectivity Ltd STRADA Datasheet HTML 2Page - TE Connectivity Ltd STRADA Datasheet HTML 3Page - TE Connectivity Ltd STRADA Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PAGE 3
DATA AND DEVICES /// STRADA WHISPER BACKPLANE CONNECTORS
STRADA WHISPER BACKPLANE CONNECTORS
Mechanical
RECEPTACLE
HEADER ASSEMBLY
Housing
Orphan Shield
(Flat Ground)
C Shield
Six ground
connection points
Fig. 1. Close up of signal contacts
Horizontal-Shield
Springs
360-Shield
Springs
Wide Paddle Tips
Tabs on the sides of C-shield assure that
ground contacts have at least a 2.5mm
wipe, which helps maintain electrical
performance with
1.5mm of unmate
condition.
Signal contacts are arranged horizontally in high-
speed differential pairs for zero skew. This makes
your board design simpler, while increasing signal
integrity performance and saving board space.
Each differential pair is surrounded by six ground
connection points.
Connector allows for 1.5mm worth of
mating separation (between both the
ground and signal) through TE’s patented
C-shaped, 360-grounding design, which
includes an extra “orphan” shield at the
bottom of the horizontal stack of contacts
for complete shielding. The 360-ground
shield provides high signal integrity margin,
(electrical margin) granting you more chip
and PCB flexibility.
C-shaped shields protrude outwards to
protect signal pins from damage.
DPO ASSEMBLY
DPO Connector
Existing PiC
Receptacle



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com