Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STRADA Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # STRADA
Description  Backplane Connectors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

STRADA Datasheet(HTML) 1 Page - TE Connectivity Ltd

  STRADA Datasheet HTML 1Page - TE Connectivity Ltd STRADA Datasheet HTML 2Page - TE Connectivity Ltd STRADA Datasheet HTML 3Page - TE Connectivity Ltd STRADA Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DATA AND DEVICES /// STRADA WHISPER BACKPLANE CONNECTORS
STRADA
WHISPER
Backplane Connectors
Blinding Speeds
The STRADA Whisper backplane family was designed with your end customer’s need for
high-performing, high-bandwidth systems in mind. Its revolutionary design transfers data at
blinding speeds of 25 Gbps and offers unparalleled scalability up to 56 Gbps—allowing you to
achieve efficient future system upgrades without costly backplane or midplane redesigns.
Performance Matters
The STRADA Whisper product family operates with extremely low noise, low insertion loss
and little to no skew—all of which provide system architects with design flexibility and high
design margin. Specific versions are available for 100-Ohm and 85-Ohm applications so you
don’t have to compromise on impedance discontinuities.
Mechanically, the STRADA Whisper connector family mirrors most high-speed backplane
connectors in the market for easy implementation. It differentiates itself through folded signal
pins surrounded by strong, protective C-shaped shields, which make the product family
one of the most robust offerings in the market. Additionally, the connector footprint keeps
crosstalk down and the overall connector design uses latest eye-of-needle (EON) technology.
Your Design Partner For 56 Gbps Architectures
To ensure smooth transitions from 10 Gbps to 56 Gbps systems using the
STRADA Whisper connector, TE Connectivity (TE) can assign a team of experts—comprised
of our best signal integrity and mechanical engineers—to help you develop a solution that fits
right into your architecture. Whether it’s traditional backplane, orthogonal midplane, direct
plug orthogonal, or a cabled-backplane system, TE can tailor the STRADA Whisper product
portfolio to best fit and enable your system architecture.


Similar Part No. - STRADA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STRADA431 STMICROELECTRONICS-STRADA431 Datasheet
163Kb / 6P
24 GHz Transceiver MMIC for Automotive Radar Sensor
09-May-2019
More results

Similar Description - STRADA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
100126 PHILIPS-100126 Datasheet
219Kb / 4P
Backplane Driver
June 14 1990
logo
Tyco Electronics
1410200-1 MACOM-1410200-1 Datasheet
1Mb / 26P
High Speed Backplane Connectors
1410186-1 MACOM-1410186-1 Datasheet
1Mb / 26P
High Speed Backplane Connectors
1410190-3 MACOM-1410190-3 Datasheet
1Mb / 26P
High Speed Backplane Connectors
logo
List of Unclassifed Man...
1410965-1 ETC2-1410965-1 Datasheet
1Mb / 26P
High Speed Backplane Connectors
logo
Tyco Electronics
5223955-2 MACOM-5223955-2 Datasheet
6Mb / 42P
High Speed Backplane Connectors
logo
Trenz Electronic
TE0703 TRENZ-TE0703 Datasheet
1Mb / 17P
2 x VG96 backplane connectors (mounting holes and solder pads)
logo
Pepperl+Fuchs Inc.
LB9023BP08110.1 PF-LB9023BP08110.1 Datasheet
590Kb / 2P
Base Backplane
FB9262BP24110.2 PF-FB9262BP24110.2 Datasheet
701Kb / 5P
Base Backplane
FB9271BP00200.0 PF-FB9271BP00200.0 Datasheet
274Kb / 4P
Backplane
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com