Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STRADA431 Datasheet (PDF) - STMicroelectronics

STRADA431 Datasheet PDF - STMicroelectronics
Part # STRADA431
Download  STRADA431 Download
File Size   163.96 Kbytes
Page   6 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 24 GHz Transceiver MMIC for Automotive Radar Sensor

STRADA431 Datasheet (PDF)

Go To PDF Page Download Datasheet
STRADA431 Datasheet PDF - STMicroelectronics

Part # STRADA431
Download  STRADA431 Click to download

File Size   163.96 Kbytes
Page   6 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 24 GHz Transceiver MMIC for Automotive Radar Sensor

STRADA431 Datasheet (HTML) - STMicroelectronics


STRADA431 Product details

Features
 AEC-Q100 qualified
 Single-channel transmitter with
differential output Pout: 13 dBm
 On-chip low phase noise VCO
 Three single-ended RX channels
 Low noise figure NFssb: 11 dB
 High programmable conversion gain up to
60 dB
 IF variable gain function
 IF switchable bandpass filters
 Rail-to-rail single-ended IF output
 Programmable VC0 driver output at 750 MHz
and 1.5 MHz or 23 kHz
 On-chip power and temperature sensors
 3.3 V supply voltage
 4-pin SPI for chip configuration
 QFN 6x6 mm2 and 40 leads - wettable flanks

Description
STRADA431 is a single-chip transceiver for automotive radar able of covering the frequency band from 24 to 24.25 GHz in order to be compliant with ISM band applications.
STRADA431 can be operated by a single power supply at 3.3 V thanks to integrated LDOs.
The device consists of:
 One differential RF transmitter
 Three single-ended RF receivers
and it is full configurable via SPI.
The transmitter part is based on:
 On-chip voltage-controlled oscillator (VCO) controlled by an external fine tuning voltage
(VTUNEF pin) and a coarse digital control driven via SPI;
 Two stages of Power amplifier (PA) digitally-controlled;
 Two output signals, proportional to VCO output frequency:
– DIV_OUT pin with 2 possible frequency ranges: 1.5 MHz or 23 kHz dividing RF
signal by 2 14 or 2 20
– HV _DIV_OUT with a frequency around 750 MHz dividing RF signal by 25.
The transmitter delivers a typical output power of 13 dBm to the antenna.
Each receiver chain consists of:
 A high linearity down converter
 A VGA with 16 steps of programmable gain and band-pass filter with possibility to
center the cut-off frequencies (High Pass filter = 60 kHz; Low Pass filter = 500 kHz or
1 MHz configurable via SPI).
 IF analog output
STRADA431 includes monitoring functions for compliancy to ISO-26262 Road Vehicles Functional Safety: junction temperature sensor, transmitted output power detector and complete Rx chain via Test-Tone.
Test-Tone can be used also for band pass filter calibration.




Similar Part No. - STRADA431

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
STRADA TEC-STRADA Datasheet
4Mb / 4P
Backplane Connectors
More results


Similar Description - STRADA431

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BGT24MTR12 INFINEON-BGT24MTR12 Datasheet
1Mb / 28P
Silicon Germanium 24 GHz Transceiver MMIC
Revision 3.2, 2014-07-15
BGT24MTR11 INFINEON-BGT24MTR11 Datasheet
1Mb / 27P
Silicon Germanium 24 GHz Transceiver MMIC
Revision 3.1, 2014-03-25
BGT24ATR11 INFINEON-BGT24ATR11 Datasheet
1Mb / 28P
Silicon Germanium 24 GHz Transceiver MMIC
Revision 3.0, 2013-09-10
BGT24ATR12 INFINEON-BGT24ATR12 Datasheet
1Mb / 29P
Silicon Germanium 24 GHz Transceiver MMIC
Revision 3.1, 2014-07-15
BGT24LTR22 INFINEON-BGT24LTR22 Datasheet
3Mb / 86P
24 GHz Radar
V 1.1 2022-02-09
BGT60TR13C INFINEON-BGT60TR13C Datasheet
1Mb / 45P
60 GHz Radar Sensor
V2.4.6 2021-01-08
logo
Texas Instruments
AWRL6432 TI-AWRL6432 Datasheet
1Mb / 64P
AWRL6432 Single-Chip 57- to 64-GHz Automotive Radar Sensor
DECEMBER 2022
logo
Infineon Technologies A...
BGT60ATR24C INFINEON-BGT60ATR24C Datasheet
1Mb / 112P
60 GHz radar sensor
V1.5 2022-03-02
BGT24LTR11N16 INFINEON-BGT24LTR11N16_V01 Datasheet
446Kb / 14P
Silicon Germanium 24GHz Radar Transceiver MMIC
Revision: 1.3
logo
Texas Instruments
AWRL1432 TI1-AWRL1432 Datasheet
1Mb / 67P
AWRL1432 Single-Chip 76- to 81-GHz Automotive Radar Sensor
JULY 2023
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com