Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STRADA431 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STRADA431
Description  24 GHz Transceiver MMIC for Automotive Radar Sensor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STRADA431 Datasheet(HTML) 5 Page - STMicroelectronics

  STRADA431 Datasheet HTML 1Page - STMicroelectronics STRADA431 Datasheet HTML 2Page - STMicroelectronics STRADA431 Datasheet HTML 3Page - STMicroelectronics STRADA431 Datasheet HTML 4Page - STMicroelectronics STRADA431 Datasheet HTML 5Page - STMicroelectronics STRADA431 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
DB2856 Rev 4
5/6
STRADA431
Revision history
5
2
Revision history
Table 3. Document revision history
Date
Revision
Changes
19-Feb-2016
1
Initial release.
15-Mar-2017
2
Updated : Features on page 1, change of low noise
value and change of high conversion gain value.
15-Nov-2018
3
Added Chapter 1: Description and Table 2: Main
parameters.
Minor text changes.
09-May-2019
4
Typing errors.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com