Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STRADA431 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STRADA431
Description  24 GHz Transceiver MMIC for Automotive Radar Sensor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STRADA431 Datasheet(HTML) 2 Page - STMicroelectronics

  STRADA431 Datasheet HTML 1Page - STMicroelectronics STRADA431 Datasheet HTML 2Page - STMicroelectronics STRADA431 Datasheet HTML 3Page - STMicroelectronics STRADA431 Datasheet HTML 4Page - STMicroelectronics STRADA431 Datasheet HTML 5Page - STMicroelectronics STRADA431 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Description
STRADA431
2/6
DB2856 Rev 4
1
Description
STRADA431 is a single-chip transceiver for automotive radar able of covering the frequency
band from 24 to 24.25 GHz in order to be compliant with ISM band applications.
STRADA431 can be operated by a single power supply at 3.3 V thanks to integrated LDOs.
The device consists of:
One differential RF transmitter
Three single-ended RF receivers
and it is full configurable via SPI.
The transmitter part is based on:
On-chip voltage-controlled oscillator (VCO) controlled by an external fine tuning voltage
(VTUNEF pin) and a coarse digital control driven via SPI;
Two stages of Power amplifier (PA) digitally-controlled;
Two output signals, proportional to VCO output frequency:
–
DIV_OUT pin with 2 possible frequency ranges: 1.5 MHz or 23 kHz dividing RF
signal by 2 14 or 2 20
–
HV _DIV_OUT with a frequency around 750 MHz dividing RF signal by 25.
The transmitter delivers a typical output power of 13 dBm to the antenna.
Each receiver chain consists of:
A high linearity down converter
A VGA with 16 steps of programmable gain and band-pass filter with possibility to
center the cut-off frequencies (High Pass filter = 60 kHz; Low Pass filter = 500 kHz or
1 MHz configurable via SPI).
IF analog output
STRADA431 includes monitoring functions for compliancy to ISO-26262 Road Vehicles
Functional Safety: junction temperature sensor, transmitted output power detector and
complete Rx chain via Test-Tone.
Test-Tone can be used also for band pass filter calibration.
Table 2. Main parameters
Symbol
Parameter
Note/Test
condition
Min
Typ
Max
Unit
Vcc
Supply voltage
3.3
V
ICCTot
Current
consumption
All blocks active at
max gain with 3
Receivers powered
270
mA
POUT
Output power
13
dBm



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com