Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STRADA431 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STRADA431
Description  24 GHz Transceiver MMIC for Automotive Radar Sensor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STRADA431 Datasheet(HTML) 1 Page - STMicroelectronics

  STRADA431 Datasheet HTML 1Page - STMicroelectronics STRADA431 Datasheet HTML 2Page - STMicroelectronics STRADA431 Datasheet HTML 3Page - STMicroelectronics STRADA431 Datasheet HTML 4Page - STMicroelectronics STRADA431 Datasheet HTML 5Page - STMicroelectronics STRADA431 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
For further information contact your local STMicroelectronics sales office.
May 2019
DB2856 Rev 4
1/6
STRADA431
24 GHz Transceiver MMIC for Automotive Radar Sensor
Data brief
Features
 AEC-Q100 qualified
 Single-channel transmitter with
differential output Pout: 13 dBm
 On-chip low phase noise VCO
 Three single-ended RX channels
 Low noise figure NFssb: 11 dB
 High programmable conversion gain up to
60 dB
 IF variable gain function
 IF switchable bandpass filters
 Rail-to-rail single-ended IF output
 Programmable VC0 driver output at 750 MHz
and 1.5 MHz or 23 kHz
 On-chip power and temperature sensors
 3.3 V supply voltage
 4-pin SPI for chip configuration
 QFN 6x6 mm2 and 40 leads - wettable flanks
Applications
24 to 24.25 GHz automotive radar applications.
Table 1. Device summary
Package
Order code
Tray
Tape and reel
QFN-40L
STRADA431
STRADA431-TR
www.st.com


Similar Part No. - STRADA431

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
STRADA TEC-STRADA Datasheet
4Mb / 4P
Backplane Connectors
More results

Similar Description - STRADA431

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BGT24MTR12 INFINEON-BGT24MTR12 Datasheet
1Mb / 28P
Silicon Germanium 24 GHz Transceiver MMIC
Revision 3.2, 2014-07-15
BGT24MTR11 INFINEON-BGT24MTR11 Datasheet
1Mb / 27P
Silicon Germanium 24 GHz Transceiver MMIC
Revision 3.1, 2014-03-25
BGT24ATR11 INFINEON-BGT24ATR11 Datasheet
1Mb / 28P
Silicon Germanium 24 GHz Transceiver MMIC
Revision 3.0, 2013-09-10
BGT24ATR12 INFINEON-BGT24ATR12 Datasheet
1Mb / 29P
Silicon Germanium 24 GHz Transceiver MMIC
Revision 3.1, 2014-07-15
BGT24LTR22 INFINEON-BGT24LTR22 Datasheet
3Mb / 86P
24 GHz Radar
V 1.1 2022-02-09
BGT60TR13C INFINEON-BGT60TR13C Datasheet
1Mb / 45P
60 GHz Radar Sensor
V2.4.6 2021-01-08
logo
Texas Instruments
AWRL6432 TI-AWRL6432 Datasheet
1Mb / 64P
AWRL6432 Single-Chip 57- to 64-GHz Automotive Radar Sensor
DECEMBER 2022
logo
Infineon Technologies A...
BGT60ATR24C INFINEON-BGT60ATR24C Datasheet
1Mb / 112P
60 GHz radar sensor
V1.5 2022-03-02
BGT24LTR11N16 INFINEON-BGT24LTR11N16_V01 Datasheet
446Kb / 14P
Silicon Germanium 24GHz Radar Transceiver MMIC
Revision: 1.3
logo
Texas Instruments
AWRL1432 TI1-AWRL1432 Datasheet
1Mb / 67P
AWRL1432 Single-Chip 76- to 81-GHz Automotive Radar Sensor
JULY 2023
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com