Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STRADA431 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STRADA431
Description  24 GHz Transceiver MMIC for Automotive Radar Sensor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STRADA431 Datasheet(HTML) 3 Page - STMicroelectronics

  STRADA431 Datasheet HTML 1Page - STMicroelectronics STRADA431 Datasheet HTML 2Page - STMicroelectronics STRADA431 Datasheet HTML 3Page - STMicroelectronics STRADA431 Datasheet HTML 4Page - STMicroelectronics STRADA431 Datasheet HTML 5Page - STMicroelectronics STRADA431 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DB2856 Rev 4
3/6
STRADA431
Description
4
PN
Phase noise
VCO frequency =
24.15 GHz; Offset
freq = 100 kHz for
minimum digital
control word
achieve desidered
VCO frequency
-75
dBc/Hz
CGMax
Maximum
Conversion gain
VGA at max gain at
200 kHz IF
frequency
60
dB
CGMin
Minimum
Conversion gain
VGA at max gain at
200 kHz IF
frequency
43
dB
NF
Noise Figure
At 300 kHz IF
frequency; VGA at
max gain
11
dB
P1dBmaxG
Input 1 dB
compression point
at maximum gain
max conversion
gain at 200 kHz IF
frequency
-47
dBm
P1dBminG
Input 1 dB
compression point
at minimum gain
min conversion
gain at 200 kHz IF
frequency
-30
dBm
IFHP3dB
High Pass filter
3 dB cut-off
frequency
60
kHz
IFLP3dB
Low Pass filter
3 dB cut-off
frequency
2 programmable
cut off frequency
0.5
1
MHz
Table 2. Main parameters (continued)
Symbol
Parameter
Note/Test
condition
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com