Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDP6402CE Datasheet(PDF) 7 Page - Harris Corporation

Part # CDP6402CE
Description  CMOS Universal Asynchronous Receiver/Transmitter (UART)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

CDP6402CE Datasheet(HTML) 7 Page - Harris Corporation

Back Button CDP6402CE Datasheet HTML 3Page - Harris Corporation CDP6402CE Datasheet HTML 4Page - Harris Corporation CDP6402CE Datasheet HTML 5Page - Harris Corporation CDP6402CE Datasheet HTML 6Page - Harris Corporation CDP6402CE Datasheet HTML 7Page - Harris Corporation CDP6402CE Datasheet HTML 8Page - Harris Corporation CDP6402CE Datasheet HTML 9Page - Harris Corporation CDP6402CE Datasheet HTML 10Page - Harris Corporation CDP6402CE Datasheet HTML 11Page - Harris Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
5-80
TABLE 2. FUNCTION PIN DEFINITION
PIN
SYMBOL
DESCRIPTION
1VDD
Positive Power Supply
2
N/C
No Connection
3
GND
Ground (VSS)
4
RRD
A high level on RECEIVER REGISTER DISABLE forces the receiver holding register ouputs RBR1-RBR8 to
a high impedance state.
5
RBR8
The contents of the RECEIVER BUFFER REGISTER appear on these three-state outputs. Word formats less
than 8 characters are right justified to RBR1.
6
RBR7
See Pin 5 - RBR8
7
RBR6
8
RBR5
9
RBR4
10
RBR3
11
RBR2
12
RBR1
13
PE
A high level on PARITY ERROR indicates that the received parity does not match parity programmed by control
bits. The output is active until parity matches on a succeeding character. When parity is inhibited, this output
is low.
14
FE
A high level on FRAMING ERROR indicates the first stop bit was invalid. FE will stay active until the next valid
character’s stop bit is received.
15
OE
A high level on OVERRUN ERROR indicates the data received flag was not cleared before the last character
was transferred to the receiver buffer register. The Error is reset at the next character’s stop bit if DRR has been
performed (i.e., DRR; active low).
16
SFD
A high level on STATUS FLAGS DISABLE forces the outputs PE, FE, OE, DR, TBRE to a high impedance
state.
17
RRC
The RECEIVER REGISTER CLOCK is 16X the receiver data rate.
18
DRR
A low level on DATA RECEIVED RESET clears the data received output (DR), to a low level.
19
DR
A high level on DATA RECEIVED indicates a character has been received and transferred to the receiver buffer
register.
20
RRl
Serial data on RECEIVER REGISTER INPUT is clocked into the receiver register.
21
MR
A high level on MASTER RESET (MR) clears PE, FE, OE and DR, and sets TRE, TBRE, and TRO. TRE is
actually set on the first rising edge of TRC after MR goes high. MR should be strobed after power-up.
22
TBRE
A high level on TRANSMITTER BUFFER REGISTER EMPTY indicates the transmitter buffer register has
transferred its data to the transmitter register and is ready for new data.
23
TBRL
A low level on TRANSMITTER BUFFER REGISTER LOAD transfers data from inputs TBR1-TBR8 into the
transmitter buffer register. A low to high transition on TBRL requests data transfer to the transmitter register. If
the transmitter register is busy, transfer is automatically delayed so that the two characters are transmitted end
to end.
24
TRE
A high level on TRANSMITTER REGISTER EMPTY indicates completed transmission of a character including
stop bits.
CDP6402, CDP6402C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com