Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDP6402CE Datasheet(PDF) 4 Page - Harris Corporation

Part # CDP6402CE
Description  CMOS Universal Asynchronous Receiver/Transmitter (UART)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

CDP6402CE Datasheet(HTML) 4 Page - Harris Corporation

  CDP6402CE Datasheet HTML 1Page - Harris Corporation CDP6402CE Datasheet HTML 2Page - Harris Corporation CDP6402CE Datasheet HTML 3Page - Harris Corporation CDP6402CE Datasheet HTML 4Page - Harris Corporation CDP6402CE Datasheet HTML 5Page - Harris Corporation CDP6402CE Datasheet HTML 6Page - Harris Corporation CDP6402CE Datasheet HTML 7Page - Harris Corporation CDP6402CE Datasheet HTML 8Page - Harris Corporation CDP6402CE Datasheet HTML 9Page - Harris Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
5-77
Input High Voltage
VIH
0.5, 4.5
-
5
VDD-2
-
-
VDD-2
-
-
V
0.5, 9.5
-
10
7
-
-
-
-
-
V
Input Leakage
Current
IIN
Any
Input
0,5
5
-
±10-4
±1-
-
±1
µA
0,10
10
-
±10-4
±2-
-
-
µA
Three-State Output
Leakage Current
IOUT
0, 5
0, 5
5
-
±10-4
±1-
±10-4
±1
µA
0, 10
0,10
10
-
±10-4
±10
-
-
-
µA
Operating Current
(Note 2)
IDD1
-
0, 5
5
-
1.5
−
-
1.5
-
mA
-
0,10
10
-
10
−
--
-
mA
Input Capacitance
CIN
-
-
-
-
5
7.5
-
5
7.5
pF
Output Capacitance
COUT
-
-
-
-
10
15
-
10
15
pF
NOTES:
1. Typical values are for TA = 25
oC and nominal V
DD
2. IOL = IOH = 1µA.
3. Operating current is measured at 200kHz or VDD = 5V and 400kHz for VDD = 10V, with open outputs (worst-case frequencies for
CDP1802A system operating at maximum speed of 3.2MHz).
Static Electrical Specifications at TA = -40oC to +85oC, VDD ±10%, Except as noted (Continued)
PARAMETER
CONDITIONS
LIMITS
UNITS
VO
(V)
VIN
(V)
VDD
(V)
CDP6402
CDP6402C
MIN
(NOTE 1)
TYP
MAX
MIN
(NOTE 1)
TYP
MAX
CDP6402, CDP6402C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com