Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDP6402CE Datasheet(PDF) 8 Page - Harris Corporation

Part # CDP6402CE
Description  CMOS Universal Asynchronous Receiver/Transmitter (UART)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

CDP6402CE Datasheet(HTML) 8 Page - Harris Corporation

Back Button CDP6402CE Datasheet HTML 4Page - Harris Corporation CDP6402CE Datasheet HTML 5Page - Harris Corporation CDP6402CE Datasheet HTML 6Page - Harris Corporation CDP6402CE Datasheet HTML 7Page - Harris Corporation CDP6402CE Datasheet HTML 8Page - Harris Corporation CDP6402CE Datasheet HTML 9Page - Harris Corporation CDP6402CE Datasheet HTML 10Page - Harris Corporation CDP6402CE Datasheet HTML 11Page - Harris Corporation CDP6402CE Datasheet HTML 12Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
5-81
25
TRO
Character data, start data and stop bits appear serially at the TRANSMITTER REGISTER OUTPUT.
26
TBR1
Character data is loaded into the TRANSMITTER BUFFER REGISTER via inputs TBR1-TBR8. For character
formats less than 8 bits, the TBR8, 7, and 6 Inputs are ignored corresponding to the programmed word length.
27
TBR2
See Pin 26 - TBR1
28
TBR3
29
TBR4
30
TBR5
31
TBR6
32
TBR7
33
TBR8
34
CRL
A high level on CONTROL REGISTER LOAD loads the control register.
35
PI†
A high level on PARITY INHIBIT inhibits parity generation, parity checking and forces PE output low.
36
SBS†
A high level on STOP BIT SELECT selects 1.5 stop bits for a 5 character format and 2 stop bits for other
lengths.
37
CLS2†
These inputs program the CHARACTER LENGTH SELECTED. (CLS1 low CLS2 low 5 bits) (CLS1 high CLS2
low 6 bits) (CLS1 low CLS2 high 7 bits) (CLS1 high CLS2 high 8 bits).
38
CLSl†
See Pin 37 - CLS2
39
EPE†
When PI is low, a high level on EVEN PARITY ENABLE generates and checks even parity. A low level selects
odd parity.
40
TRC
The TRANSMITTER REGISTER CLOCK is 16X the transmit data rate.
† See Table 1 (Control Word Function)
TABLE 2. FUNCTION PIN DEFINITION (Continued)
PIN
SYMBOL
DESCRIPTION
CDP6402, CDP6402C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com