Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8AL3188TCX Datasheet(PDF) 53 Page - STMicroelectronics

Part # STM8AL3188TCX
Description  Automotive 8-bit ultra-low-power MCU, 64 Kbyte Flash, RTC, LCD, data EEPROM, timers, USARTs, I2C, SPIs, ADC, DAC, COMPs
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AL3188TCX Datasheet(HTML) 53 Page - STMicroelectronics

Back Button STM8AL3188TCX Datasheet HTML 49Page - STMicroelectronics STM8AL3188TCX Datasheet HTML 50Page - STMicroelectronics STM8AL3188TCX Datasheet HTML 51Page - STMicroelectronics STM8AL3188TCX Datasheet HTML 52Page - STMicroelectronics STM8AL3188TCX Datasheet HTML 53Page - STMicroelectronics STM8AL3188TCX Datasheet HTML 54Page - STMicroelectronics STM8AL3188TCX Datasheet HTML 55Page - STMicroelectronics STM8AL3188TCX Datasheet HTML 56Page - STMicroelectronics STM8AL3188TCX Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 131 page
background image
DocID027179 Rev 6
53/131
STM8AL318x STM8AL3L8x
Memory and register map
60
0x00 53AC
DAC
DAC_DORH
DAC data output register high
0x00
0x00 53AD
DAC_DORL
DAC data output register low
0x00
0x00 53A2
DAC_DCH2RDHRH
DAC channel 2 right aligned data holding
register high
0x00
0x00 53A3
DAC_DCH2RDHRL
DAC channel 2 right aligned data holding
register low
0x00
0x00 53A4
DAC_DCH1LDHRH
DAC channel 1left aligned data holding
register high
0x00
0x00 53A5
DAC_DCH1LDHRL
DAC channel 1left aligned data holding
register low
0x00
0x00 53A6
DAC_DCH2LDHRH
DAC channel 2 left aligned data holding
register high
0x00
0x00 53A7
DAC_DCH2LDHRL
DAC channel 2 left aligned data holding
register low
0x00
0x00 53A8
DAC_DCH1DHR8
DAC channel 1 8-bit mode data holding
register
0x00
0x00 53A9
DAC_DCH2DHR8
DAC channel 2 8-bit mode data holding
register
0x00
0x00 53AA to
0x00 53AB
Reserved area (2 byte)
0x00 53AC
DAC
DAC_CH1DORH
Reset value
DAC channel 1 data output register high
0x00
0x00 53AD
DAC_CH1DORL
Reset value
DAC channel 1 data output register low
0x00
0x00 53AE
to 0x00 53AF
Reserved area (2 byte)
0x00 53B0
DAC
DAC_CH2DORH
Reset value
DAC channel 2 data output register high
0x00
0x00 53B1
DAC_CH2DORL
Reset value
DAC channel 2 data output register low
0x00
0x00 53B2
to 0x00 53BF
Reserved area
0x00 53C0
SPI2
SPI2_CR1
SPI2 control register 1
0x00
0x00 53C1
SPI2_CR2
SPI2 control register 2
0x00
0x00 53C2
SPI2_ICR
SPI2 interrupt control register
0x00
0x00 53C3
SPI2_SR
SPI2 status register
0x02
0x00 53C4
SPI2_DR
SPI2 data register
0x00
0x00 53C5
SPI2_CRCPR
SPI2 CRC polynomial register
0x07
0x00 53C6
SPI2_RXCRCR
SPI2 Rx CRC register
0x00
0x00 53C7
SPI2_TXCRCR
SPI2 Tx CRC register
0x00
Table 9. General hardware register map (continued)
Address
Block
Register label
Register name
Reset status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com