Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8AL3188TCX Datasheet(PDF) 96 Page - STMicroelectronics

Part # STM8AL3188TCX
Description  Automotive 8-bit ultra-low-power MCU, 64 Kbyte Flash, RTC, LCD, data EEPROM, timers, USARTs, I2C, SPIs, ADC, DAC, COMPs
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AL3188TCX Datasheet(HTML) 96 Page - STMicroelectronics

Back Button STM8AL3188TCX Datasheet HTML 92Page - STMicroelectronics STM8AL3188TCX Datasheet HTML 93Page - STMicroelectronics STM8AL3188TCX Datasheet HTML 94Page - STMicroelectronics STM8AL3188TCX Datasheet HTML 95Page - STMicroelectronics STM8AL3188TCX Datasheet HTML 96Page - STMicroelectronics STM8AL3188TCX Datasheet HTML 97Page - STMicroelectronics STM8AL3188TCX Datasheet HTML 98Page - STMicroelectronics STM8AL3188TCX Datasheet HTML 99Page - STMicroelectronics STM8AL3188TCX Datasheet HTML 100Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 131 page
background image
Electrical parameters
STM8AL318x STM8AL3L8x
96/131
DocID027179 Rev 6
NRST pin
Subject to general operating conditions for VDD and TA unless otherwise specified.
Figure 35. Typical NRST pull-up resistance RPU vs. VDD
Table 45. NRST pin characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VIL(NRST)
NRST input low-level voltage
-
VSS(1)
-
0.8(1)
V
VIH(NRST)
NRST input high-level voltage (1)
-
1.4(1)
-
VDD(1)
VOL(NRST)
NRST output low-level voltage (1)
IOL = 2 mA
for 2.7 V
≤VDD ≤ 3.6 V
--
0.4(1)
IOL = 1.5 mA
for VDD < 2.7 V
--
VHYST
NRST input hysteresis
-
10%VDD
(2)(3)
--
mV
RPU(NRST)
NRST pull-up equivalent resistor
-
30(1)
45
60(1)
k
Ω
VF(NRST)
NRST input filtered pulse
--
-
50(3)
ns
VNF(NRST)
NRST input not filtered pulse
-
300(3)
--
1. Guaranteed by characterization results.
2. 200 mV min.
3. Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com