Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8AL3188TCX Datasheet(PDF) 33 Page - STMicroelectronics

Part # STM8AL3188TCX
Description  Automotive 8-bit ultra-low-power MCU, 64 Kbyte Flash, RTC, LCD, data EEPROM, timers, USARTs, I2C, SPIs, ADC, DAC, COMPs
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AL3188TCX Datasheet(HTML) 33 Page - STMicroelectronics

Back Button STM8AL3188TCX Datasheet HTML 29Page - STMicroelectronics STM8AL3188TCX Datasheet HTML 30Page - STMicroelectronics STM8AL3188TCX Datasheet HTML 31Page - STMicroelectronics STM8AL3188TCX Datasheet HTML 32Page - STMicroelectronics STM8AL3188TCX Datasheet HTML 33Page - STMicroelectronics STM8AL3188TCX Datasheet HTML 34Page - STMicroelectronics STM8AL3188TCX Datasheet HTML 35Page - STMicroelectronics STM8AL3188TCX Datasheet HTML 36Page - STMicroelectronics STM8AL3188TCX Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 131 page
background image
DocID027179 Rev 6
33/131
STM8AL318x STM8AL3L8x
Pin description
60
58 46
-
PD5/TIM1_CH3
/LCD_SEG19(3)/
ADC1_IN9/
COMP1_INP
I/O FT(5) X
XX HS X
X Port D5
Timer 1 - channel 3 / LCD
segment 19 /
ADC1_IN9/Comparator 1
positive input
--
34
PD5/TIM1_CH3
/LCD_SEG19(3)/
ADC1_IN9/SPI2_MOSI/
COMP1_INP
I/O FT(5) X
XX HS X
X Port D5
Timer 1 - channel 3 / LCD
segment 19 / ADC1_IN9/
SPI2 master out/slave
in/Comparator 1 positive
input
59 47
PD6/TIM1_BKIN
/LCD_SEG20(3)/
ADC1_IN8/RTC_CALIB/
COMP1_INP/VREFINT
I/O FT(5) X
XX HS X
X Port D6
Timer 1 - break input / LCD
segment 20 / ADC1_IN8 /
RTC calibration/Comparator
1 positive input/Internal
reference voltage output
--
35
PD6/TIM1_BKIN
/LCD_SEG20(3)/
ADC1_IN8/RTC_CALIB/
SPI2_SCK/COMP1_INP/
VREFINT
I/O FT(5) X
XX HS X
X Port D6
Timer 1 - break input / LCD
segment 20 / ADC1_IN8 /
RTC calibration/SPI2
clock/Comparator 1 positive
input/Internal reference
voltage output
60 48
-
PD7/TIM1_CH1N
/LCD_SEG21(3)/
ADC1_IN7/RTC_ALARM/
COMP1_INP/VREFINT
I/O FT(5) X
XX HS X
X Port D7
Timer 1 - inverted channel 1/
LCD segment 21 /
ADC1_IN7 / RTC
alarm/Comparator 1 positive
input/Internal reference
voltage output
--
36
PD7/TIM1_CH1N
/LCD_SEG21(3)/
ADC1_IN7/RTC_ALARM/
SPI2_NSS/COMP1_INP/V
REFINT
I/O FT(5) X
XX HS X
X Port D7
Timer 1 - inverted channel 1/
LCD segment 21 /
ADC1_IN7 / RTC alarm
/SPI2 master/slave
select/Comparator 1 positive
input/Internal reference
voltage output
61 49
-
PG4/LCD_SEG32/
SPI2_NSS
I/O FT(5) X
XX HS X
X Port G4
LCD segment 32 / SPI2
master/slave select
62 50
-
PG5/LCD_SEG33/
SPI2_SCK
I/O FT(5) X
XX HS X
X Port G5
LCD segment 33 / SPI2
clock
63 51
-
PG6/LCD_SEG34/
SPI2_MOSI
I/O FT(5) X
XX HS X
X Port G6
LCD segment 34 / SPI2
master out- slave in
Table 5. High-density STM8AL3x8x pin description (continued)
Pin
number
Pin name
Input
Output
Default alternate function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com