Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F071X8 Datasheet(PDF) 54 Page - STMicroelectronics

Part # STM32F071X8
Description  ARM-based 32-bit MCU, up to 128 KB Flash, 12 timers, ADC, DAC & communication interfaces, 2.0 - 3.6 V
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F071X8 Datasheet(HTML) 54 Page - STMicroelectronics

Back Button STM32F071X8 Datasheet HTML 50Page - STMicroelectronics STM32F071X8 Datasheet HTML 51Page - STMicroelectronics STM32F071X8 Datasheet HTML 52Page - STMicroelectronics STM32F071X8 Datasheet HTML 53Page - STMicroelectronics STM32F071X8 Datasheet HTML 54Page - STMicroelectronics STM32F071X8 Datasheet HTML 55Page - STMicroelectronics STM32F071X8 Datasheet HTML 56Page - STMicroelectronics STM32F071X8 Datasheet HTML 57Page - STMicroelectronics STM32F071X8 Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 122 page
background image
Electrical characteristics
STM32F071x8 STM32F071xB
54/122
DocID025451 Rev 5
Typical and maximum current consumption
The MCU is placed under the following conditions:
•
All I/O pins are in analog input mode
•
All peripherals are disabled except when explicitly mentioned
•
The Flash memory access time is adjusted to the fHCLK frequency:
–
0 wait state and Prefetch OFF from 0 to 24 MHz
–
1 wait state and Prefetch ON above 24 MHz
•
When the peripherals are enabled fPCLK = fHCLK
The parameters given in to Table 31 are derived from tests performed under ambient
temperature and supply voltage conditions summarized in Table 24: General operating
conditions.
Table 29. Typical and maximum current consumption from VDD supply at VDD = 3.6 V
Conditions
fHCLK
All peripherals enabled
All peripherals disabled
Unit
Typ
Max @ TA(1)
Typ
Max @ TA(1)
25 °C
85 °C
105 °C
25 °C
85 °C 105 °C
IDD
HSI48
48 MHz
24.3
26.9
27.2
27.9
13.1
14.8
14.9
15.5
mA
HSE bypass,
PLL on
48 MHz
24.1
26.8
27.0
27.7
13.0
14.6
14.8
15.4
32 MHz
16.0
18.3
18.6
19.2
8.76
9.56
9.73
10.6
24 MHz
12.3
13.7
14.3
14.7
7.36
7.94
8.37
8.81
HSE bypass,
PLL off
8 MHz
4.52
5.25
5.28
5.61
2.89
3.17
3.26
3.34
1 MHz
1.25
1.39
1.58
1.87
0.93
1.06
1.15
1.34
HSI clock,
PLL on
48 MHz
24.1
27.1
27.6
27.8
12.9
14.7
14.9
15.5
32 MHz
16.1
18.2
18.9
19.3
8.82
9.69
9.83
10.7
24 MHz
12.4
14.0
14.4
14.8
7.31
7.92
8.34
8.75
HSI clock,
PLL off
8 MHz
4.52
5.25
5.35
5.61
2.87
3.16
3.25
3.33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com