Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F071X8 Datasheet(PDF) 37 Page - STMicroelectronics

Part # STM32F071X8
Description  ARM-based 32-bit MCU, up to 128 KB Flash, 12 timers, ADC, DAC & communication interfaces, 2.0 - 3.6 V
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F071X8 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button STM32F071X8 Datasheet HTML 33Page - STMicroelectronics STM32F071X8 Datasheet HTML 34Page - STMicroelectronics STM32F071X8 Datasheet HTML 35Page - STMicroelectronics STM32F071X8 Datasheet HTML 36Page - STMicroelectronics STM32F071X8 Datasheet HTML 37Page - STMicroelectronics STM32F071X8 Datasheet HTML 38Page - STMicroelectronics STM32F071X8 Datasheet HTML 39Page - STMicroelectronics STM32F071X8 Datasheet HTML 40Page - STMicroelectronics STM32F071X8 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 122 page
background image
DocID025451 Rev 5
37/122
STM32F071x8 STM32F071xB
Pinouts and pin descriptions
38
C11
73
-
-
-
PF6
I/O
FT
(3)
--
F11
74
47
35
B1
VSS
S
-
-
Ground
G11
75
48
36
B2
VDDIO2
S
-
-
Digital power supply
A10
76
49
37
A1
PA14
I/O
FT
(3)
(4)
USART2_TX, SWCLK
-
A9
77
50
38
A2
PA15
I/O
FT
(3)
SPI1_NSS, I2S1_WS,
USART2_RX,
USART4_RTS,
TIM2_CH1_ETR,
EVENTOUT
-
B11
78
51
-
-
PC10
I/O
FT
(3)
USART3_TX, USART4_TX
-
C10
79
52
-
-
PC11
I/O
FT
(3)
USART3_RX, USART4_RX
-
B10
80
53
-
-
PC12
I/O
FT
(3)
USART3_CK,
USART4_CK
-
C9
81
-
-
-
PD0
I/O
FT
(3)
SPI2_NSS, I2S2_WS
-
B9
82
-
-
-
PD1
I/O
FT
(3)
SPI2_SCK, I2S2_CK
-
C8
83
54
-
-
PD2
I/O
FT
(3)
USART3_RTS, TIM3_ETR
-
B8
84
-
-
-
PD3
I/O
FT
-
SPI2_MISO, I2S2_MCK,
USART2_CTS
-
B7
85
-
-
-
PD4
I/O
FT
-
SPI2_MOSI, I2S2_SD,
USART2_RTS
-
A6
86
-
-
-
PD5
I/O
FT
-
USART2_TX
-
B6
87
-
-
-
PD6
I/O
FT
-
USART2_RX
-
A5
88
-
-
-
PD7
I/O
FT
-
USART2_CK
-
A8
89
55
39
A3
PB3
I/O
FT
-
SPI1_SCK, I2S1_CK,
TIM2_CH2, TSC_G5_IO1,
EVENTOUT
-
A7
90
56
40
A4
PB4
I/O
FT
-
SPI1_MISO, I2S1_MCK,
TIM17_BKIN, TIM3_CH1,
TSC_G5_IO2, EVENTOUT
-
C5
91
57
41
B4
PB5
I/O
FT
-
SPI1_MOSI, I2S1_SD,
I2C1_SMBA, TIM16_BKIN,
TIM3_CH2
WKUP6
Table 13. STM32F071x8/xB pin definitions (continued)
Pin numbers
Pin name
(function upon
reset)
Pin
type
Pin functions
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com