Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F071X8 Datasheet(PDF) 55 Page - STMicroelectronics

Part # STM32F071X8
Description  ARM-based 32-bit MCU, up to 128 KB Flash, 12 timers, ADC, DAC & communication interfaces, 2.0 - 3.6 V
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F071X8 Datasheet(HTML) 55 Page - STMicroelectronics

Back Button STM32F071X8 Datasheet HTML 51Page - STMicroelectronics STM32F071X8 Datasheet HTML 52Page - STMicroelectronics STM32F071X8 Datasheet HTML 53Page - STMicroelectronics STM32F071X8 Datasheet HTML 54Page - STMicroelectronics STM32F071X8 Datasheet HTML 55Page - STMicroelectronics STM32F071X8 Datasheet HTML 56Page - STMicroelectronics STM32F071X8 Datasheet HTML 57Page - STMicroelectronics STM32F071X8 Datasheet HTML 58Page - STMicroelectronics STM32F071X8 Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 122 page
background image
DocID025451 Rev 5
55/122
STM32F071x8 STM32F071xB
Electrical characteristics
96
IDD
HSI48
48 MHz
23.1
25.4
25.8
26.6
12.8
13.5
13.7
13.9
mA
HSE bypass,
PLL on
48 MHz
23.0
25.3(2)
25.7
26.5(2)
12.6 13.3(2)
13.5
13.8(2)
32 MHz
15.4
17.3
17.8
18.3
7.96
8.92
9.17
9.73
24 MHz
11.4
12.9
13.5
13.7
6.48
8.04
8.23
8.41
HSE bypass,
PLL off
8 MHz
4.21
4.6
4.89
5.25
2.07
2.3
2.35
2.94
1 MHz
0.78
0.9
0.92
1.15
0.36
0.48
0.59
0.82
HSI clock,
PLL on
48 MHz
23.1
24.5
25.0
25.2
12.6
13.7
13.9
14.0
32 MHz
15.4
17.4
17.7
18.2
8.05
8.85
9.16
9.94
24 MHz
11.5
13.0
13.6
13.9
6.49
8.06
8.21
8.47
HSI clock,
PLL off
8 MHz
4.34
4.75
5.03
5.41
2.11
2.36
2.38
2.98
HSI48
48 MHz
15.1
16.6
16.8
17.5
3.08
3.43
3.56
3.61
HSE bypass,
PLL on
48 MHz
15.0
16.5(2)
16.7
17.3(2)
2.93 3.28(2)
3.41
3.46(2)
32 MHz
9.9
11.4
11.6
11.9
2.0
2.24
2.32
2.49
24 MHz
7.43
8.17
8.71
8.82
1.63
1.82
1.88
1.9
HSE bypass,
PLL off
8 MHz
2.83
3.09
3.26
3.66
0.76
0.88
0.91
0.93
1 MHz
0.42
0.54
0.55
0.67
0.28
0.39
0.41
0.43
HSI clock,
PLL on
48 MHz
15.0
17.2
17.3
17.9
3.04
3.37
3.41
3.46
32 MHz
9.93
11.3
11.6
11.7
2.11
2.35
2.44
2.65
24 MHz
7.53
8.45
8.87
8.95
1.64
1.83
1.9
1.93
HSI clock,
PLL off
8 MHz
2.95
3.24
3.41
3.8
0.8
0.92
0.94
0.97
1. Data based on characterization results, not tested in production unless otherwise specified.
2. Data based on characterization results and tested in production (using one common test limit for sum of IDD and IDDA).
Table 29. Typical and maximum current consumption from VDD supply at VDD = 3.6 V (continued)
Conditions
fHCLK
All peripherals enabled
All peripherals disabled
Unit
Typ
Max @ TA(1)
Typ
Max @ TA(1)
25 °C
85 °C
105 °C
25 °C
85 °C 105 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com