Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F303XD Datasheet(PDF) 77 Page - STMicroelectronics

Part # STM32F303XD
Description  ARM Cortex-M4 32b MCUFPU, up to 512KB Flash, 80KB SRAM, FSMC, 4 ADCs, 2 DAC ch., 7 comp, 4 Op-Amp, 2.0-3.6 V
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303XD Datasheet(HTML) 77 Page - STMicroelectronics

Back Button STM32F303XD Datasheet HTML 73Page - STMicroelectronics STM32F303XD Datasheet HTML 74Page - STMicroelectronics STM32F303XD Datasheet HTML 75Page - STMicroelectronics STM32F303XD Datasheet HTML 76Page - STMicroelectronics STM32F303XD Datasheet HTML 77Page - STMicroelectronics STM32F303XD Datasheet HTML 78Page - STMicroelectronics STM32F303XD Datasheet HTML 79Page - STMicroelectronics STM32F303XD Datasheet HTML 80Page - STMicroelectronics STM32F303XD Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 173 page
background image
DocID026415 Rev 5
77/173
STM32F303xD STM32F303xE
Electrical characteristics
151
IDDA
Supply
current in
Run mode,
code
executing
from Flash
or RAM
HSE
bypass
1 MHz
1.9
3.1
3.6
4.4
2.5
3.7
4.4
5.5
µA
HSI clock
64 MHz
266
290
301
306
295
320
335
341
48 MHz
216
237
247
251
240
262
274
279
32 MHz
170
188
196
199
190
208
217
221
24 MHz
148
164
170
172
166
182
189
192
8 MHz
70
78
81
82
84
92
95
97
1. Current consumption from the VDDA supply is independent of whether the peripherals are on or off. Furthermore when the
PLL is off, IDDA is independent from the frequency.
2. Data based on characterization results, not tested in production.
Table 26. Typical and maximum current consumption from the VDDA supply (continued)
Symbol Parameter
Conditions
(1)
fHCLK
VDDA = 2.4 V
VDDA = 3.6 V
Unit
Typ
Max @ TA(2)
Typ
Max @ TA(2)
25 °C
85 °C 105 °C
25 °C 85 °C 105 °C
Table 27. Typical and maximum VDD consumption in Stop and Standby modes
Symbol Parameter
Conditions
Typ @VDD (VDD=VDDA)Max
Unit
2.0 V 2.4 V 2.7 V 3.0 V 3.3 V 3.6 V
TA =
25 °C
TA =
85 °C
TA =
105 °C
IDD
Supply
current in
Stop mode
Regulator in run mode,
all oscillators OFF
18.4 18.7 18.8 18.9 19.0 19.1
47
435
940
µA
Regulator in low-power
mode, all oscillators OFF
6.80 6.94 7.11 7.18 7.26 7.39
33
408
898
Supply
current in
Standby
mode
LSI ON and IWDG ON
0.72 0.87 0.99 1.10 1.23 1.37
-
-
-
LSI OFF and IWDG OFF 0.57 0.68 0.76 0.85 0.94 1.03
6.2
8.6
13.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com