Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F303XD Datasheet(PDF) 13 Page - STMicroelectronics

Part # STM32F303XD
Description  ARM Cortex-M4 32b MCUFPU, up to 512KB Flash, 80KB SRAM, FSMC, 4 ADCs, 2 DAC ch., 7 comp, 4 Op-Amp, 2.0-3.6 V
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303XD Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STM32F303XD Datasheet HTML 9Page - STMicroelectronics STM32F303XD Datasheet HTML 10Page - STMicroelectronics STM32F303XD Datasheet HTML 11Page - STMicroelectronics STM32F303XD Datasheet HTML 12Page - STMicroelectronics STM32F303XD Datasheet HTML 13Page - STMicroelectronics STM32F303XD Datasheet HTML 14Page - STMicroelectronics STM32F303XD Datasheet HTML 15Page - STMicroelectronics STM32F303XD Datasheet HTML 16Page - STMicroelectronics STM32F303XD Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 173 page
background image
DocID026415 Rev 5
13/173
STM32F303xD STM32F303xE
Description
67
Table 2. STM32F303xD/E family device features and peripheral counts
Peripheral
STM32F303Rx
STM32F303Vx
STM32F303Zx
Flash (Kbytes)
384
512
384
512
384
512
SRAM (Kbytes) on data bus
64
CCM (Core Coupled Memory) RAM
(Kbytes)
16
FMC (
flexible memory controller)
NO
YES
Timers
Advanced control
2 (16-bit)(1)
3 (16-bit)
General purpose
5 (16-bit)
1 (32-bit)
PWM channels (all) (2)
31
40
40
Basic
2 (16-bit)
PWM channels
(except
complementary)
22
28
28
Communication
interfaces
SPI (I2S)(3)
4(2)
I2C3
USART
3
UART
2
CAN
1
USB
1
GPIOs
Normal I/Os
(TC, TTa)
26
37 in WLCSP100,44 in
LQFP100 and
UFBGA100
45
5-volt tolerant
I/Os (FT, FTf)
25
42 in LQFP100
40 in WLCSP100 and
UFBGA100
70
DMA channels
12
Capacitive sensing channels
18
24
12-bit ADCs
4
22 channels
4
39 channels in
LQFP100-pin and
UFBGA100
33 channels in
WLCSP100
4
40 channels
12-bit DAC channels
Analog comparator
Operational amplifiers
CPU frequency
72 MHz
Operating voltage
2.0 to 3.6 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com