Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F303XD Datasheet(PDF) 81 Page - STMicroelectronics

Part # STM32F303XD
Description  ARM Cortex-M4 32b MCUFPU, up to 512KB Flash, 80KB SRAM, FSMC, 4 ADCs, 2 DAC ch., 7 comp, 4 Op-Amp, 2.0-3.6 V
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303XD Datasheet(HTML) 81 Page - STMicroelectronics

Back Button STM32F303XD Datasheet HTML 77Page - STMicroelectronics STM32F303XD Datasheet HTML 78Page - STMicroelectronics STM32F303XD Datasheet HTML 79Page - STMicroelectronics STM32F303XD Datasheet HTML 80Page - STMicroelectronics STM32F303XD Datasheet HTML 81Page - STMicroelectronics STM32F303XD Datasheet HTML 82Page - STMicroelectronics STM32F303XD Datasheet HTML 83Page - STMicroelectronics STM32F303XD Datasheet HTML 84Page - STMicroelectronics STM32F303XD Datasheet HTML 85Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 173 page
background image
DocID026415 Rev 5
81/173
STM32F303xD STM32F303xE
Electrical characteristics
151
Table 31. Typical current consumption in Sleep mode, code running from Flash or RAM
Symbol
Parameter
Conditions
fHCLK
Typ
Unit
Peripherals
enabled
Peripherals
disabled
IDD
Supply current in
Sleep mode from
VDD supply
Running from HSE
crystal clock 8 MHz,
code executing from
Flash or RAM
72 MHz
43.0
7.4
mA
64 MHz
38.3
6.8
48 MHz
29.0
5.29
32 MHz
19.7
3.91
24 MHz
15.2
3.19
16 MHz
10.8
2.46
8 MHz
5.85
1.55
4 MHz
3.80
1.45
2 MHz
2.67
1.32
1 MHz
2.12
1.22
500 kHz
1.83
1.19
125 kHz
1.60
0.83
IDDA(1) (2)
Supply current in
Sleep mode from
VDDA supply
72 MHz
239.7
µA
64 MHz
210.5
48 MHz
155.6
32 MHz
105.5
24 MHz
81.9
16 MHz
58.6
8 MHz
1.16
4 MHz
1.16
2 MHz
1.16
1 MHz
1.16
500 kHz
1.16
125 kHz
1.16
1. VDDA supervisor is OFF.
2. When peripherals are enabled, the power consumption of the analog part of peripherals such as ADC, DAC, Comparators,
OpAmp is not included. Refer to the tables of characteristics in the subsequent sections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com