Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F303XD Datasheet(PDF) 126 Page - STMicroelectronics

Part # STM32F303XD
Description  ARM Cortex-M4 32b MCUFPU, up to 512KB Flash, 80KB SRAM, FSMC, 4 ADCs, 2 DAC ch., 7 comp, 4 Op-Amp, 2.0-3.6 V
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303XD Datasheet(HTML) 126 Page - STMicroelectronics

Back Button STM32F303XD Datasheet HTML 122Page - STMicroelectronics STM32F303XD Datasheet HTML 123Page - STMicroelectronics STM32F303XD Datasheet HTML 124Page - STMicroelectronics STM32F303XD Datasheet HTML 125Page - STMicroelectronics STM32F303XD Datasheet HTML 126Page - STMicroelectronics STM32F303XD Datasheet HTML 127Page - STMicroelectronics STM32F303XD Datasheet HTML 128Page - STMicroelectronics STM32F303XD Datasheet HTML 129Page - STMicroelectronics STM32F303XD Datasheet HTML 130Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 173 page
background image
Electrical characteristics
STM32F303xD STM32F303xE
126/173
DocID026415 Rev 5
SPI/I2S characteristics
Unless otherwise specified, the parameters given in Table 74 for SPI or in Table 75 for I2S
are derived from tests performed under ambient temperature, fPCLKx frequency and VDD
supply voltage conditions summarized in Table 19.
Refer to Section 6.3.15: I/O port characteristics for more details on the input/output alternate
function characteristics (NSS, SCK, MOSI, MISO for SPI and WS, CK, SD for I2S).
Table 73. I2C analog filter characteristics(1)
1. Guaranteed by design, not tested in production.
Symbol
Parameter
Min
Max
Unit
tAF
Pulse width of spikes that are
suppressed by the analog filter
50
260
ns
Table 74. SPI characteristics(1)
Symbol
Parameter
Conditions
Min
Typ.
Max
Unit
fSCK
1/tc(SCK)
SPI clock frequency
Master mode 2.7 V<VDD<3.6 V,
SPI1/4
--
24
MHz
Master mode 2 V<VDD<3.6 V,
SPI1/2/3/4
18
Slave mode 2 V<VDD<3.6 V,
SPI1/4
24
Slave mode 2 V<VDD<3.6 V,
SPI1/2/3/4
18
Slave mode transmitter/full duplex
2 V<VDD<3.6 V, SPI1/2/3/4
16.5(2)
Slave mode transmitter/full duplex
2.7 V<VDD<3.6 V, SPI1/4
22.5(2))
-
Duty(SCK)
Duty cycle of SPI clock
frequency
Slave mode
30
50
70
%
tsu(NSS)
NSS setup time
Slave mode, SPI presc = 2
4*Tpclk
-
-
th(NSS)
NSS hold time
Slave mode, SPI presc = 2
2*Tpclk
-
-
tw(SCKH)
tw(SCKL)
SCK high and low time
Master mode
Tpclk-2
Tpclk
Tpclk+2
tsu(MI)
Data input setup time
Master mode
3
-
-
tsu(SI)
Slave mode
3
-
-
th(MI)
Data input hold time
Master mode
6.5
-
-
th(SI)
Slave mode
4.5
-
-
ta(SO)
Data output access time
Slave mode
10
-
30
tdis(SO)
Data output disable time
Slave mode
8
-
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com