Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F303XD Datasheet(PDF) 135 Page - STMicroelectronics

Part # STM32F303XD
Description  ARM Cortex-M4 32b MCUFPU, up to 512KB Flash, 80KB SRAM, FSMC, 4 ADCs, 2 DAC ch., 7 comp, 4 Op-Amp, 2.0-3.6 V
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303XD Datasheet(HTML) 135 Page - STMicroelectronics

Back Button STM32F303XD Datasheet HTML 131Page - STMicroelectronics STM32F303XD Datasheet HTML 132Page - STMicroelectronics STM32F303XD Datasheet HTML 133Page - STMicroelectronics STM32F303XD Datasheet HTML 134Page - STMicroelectronics STM32F303XD Datasheet HTML 135Page - STMicroelectronics STM32F303XD Datasheet HTML 136Page - STMicroelectronics STM32F303XD Datasheet HTML 137Page - STMicroelectronics STM32F303XD Datasheet HTML 138Page - STMicroelectronics STM32F303XD Datasheet HTML 139Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 173 page
background image
DocID026415 Rev 5
135/173
STM32F303xD STM32F303xE
Electrical characteristics
151
Figure 49. ADC typical current consumption on VREF+ pin
Table 80. Maximum ADC RAIN (1)
Resolution
Sampling
cycle @
72 MHz
Sampling
time [ns] @
72 MHz
RAIN max (kΩ)
Fast channels(2)
Slow
channels
Other
channels(3)
12 bits
1.5
20.83
0.018
NA
NA
2.5
34.72
0.150
NA
0.022
4.5
62.50
0.470
0.220
0.180
7.5
104.17
0.820
0.560
0.470
19.5
270.83
2.70
1.80
1.50
61.5
854.17
8.20
6.80
4.70
181.5
2520.83
22.0
18.0
15.0
601.5
8354.17
82.0
68.0
47.0
10 bits
1.5
20.83
0.082
NA
NA
2.5
34.72
0.270
0.082
0.100
4.5
62.50
0.560
0.390
0.330
7.5
104.17
1.20
0.82
0.68
19.5
270.83
3.30
2.70
2.20
61.5
854.17
10.0
8.2
6.8
181.5
2520.83
33.0
27.0
22.0
601.5
8354.17
100.0
82.0
68.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com