Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F401RB Datasheet(PDF) 130 Page - STMicroelectronics

Part # STM32F401RB
Description  ARM Cortex-M4 32b MCUFPU, 105 DMIPS, 256KB Flash/64KB RAM, 11 TIMs, 1 ADC, 11 comm. interfaces
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F401RB Datasheet(HTML) 130 Page - STMicroelectronics

Back Button STM32F401RB Datasheet HTML 126Page - STMicroelectronics STM32F401RB Datasheet HTML 127Page - STMicroelectronics STM32F401RB Datasheet HTML 128Page - STMicroelectronics STM32F401RB Datasheet HTML 129Page - STMicroelectronics STM32F401RB Datasheet HTML 130Page - STMicroelectronics STM32F401RB Datasheet HTML 131Page - STMicroelectronics STM32F401RB Datasheet HTML 132Page - STMicroelectronics STM32F401RB Datasheet HTML 133Page - STMicroelectronics STM32F401RB Datasheet HTML 134Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 135 page
background image
DocID024738 Rev 6
130/135
STM32F401xB STM32F401xC
Part numbering
130
8
Part numbering
Table 87. Ordering information scheme
Example:
STM32 F 401 C C T 6 xxx
Device family
STM32 = ARM-based 32-bit microcontroller
Product type
F = General-purpose
Device subfamily
401: 401 family
Pin count
C = 48/49 pins
R = 64 pins
V = 100 pins
Flash memory size
B = 128 Kbytes of Flash memory
C = 256 Kbytes of Flash memory
Package
H = UFBGA
T = LQFP
U = UFQFPN
Y = WLCSP
Temperature range
6 = Industrial temperature range, –40 to 85 °C
7 = Industrial temperature range, –40 to 105 °C
Packing
TR = tape and reel
TT = tape and reel for WLCSP as per PCN9547(1)
1. To get this document, please contact your nearest ST Sales Office.
No character = tray or tube



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com