Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F401RB Datasheet(PDF) 134 Page - STMicroelectronics

Part # STM32F401RB
Description  ARM Cortex-M4 32b MCUFPU, 105 DMIPS, 256KB Flash/64KB RAM, 11 TIMs, 1 ADC, 11 comm. interfaces
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F401RB Datasheet(HTML) 134 Page - STMicroelectronics

Back Button STM32F401RB Datasheet HTML 127Page - STMicroelectronics STM32F401RB Datasheet HTML 128Page - STMicroelectronics STM32F401RB Datasheet HTML 129Page - STMicroelectronics STM32F401RB Datasheet HTML 130Page - STMicroelectronics STM32F401RB Datasheet HTML 131Page - STMicroelectronics STM32F401RB Datasheet HTML 132Page - STMicroelectronics STM32F401RB Datasheet HTML 133Page - STMicroelectronics STM32F401RB Datasheet HTML 134Page - STMicroelectronics STM32F401RB Datasheet HTML 135Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 134 / 135 page
background image
DocID024738 Rev 6
134/135
STM32F401xB STM32F401xC
Revision history
134
07-Sep-2016
6
Features: added dynamic efficiency, OTP memory and ECOPACK®2
compliance, updated clock/reset and supply management features.
Updated signal corresponding to pin 21 in Figure 13:
STM32F401xB/STM32F401xC LQFP100 pinout.
Updated PB11 alternate functions in Table 8:
STM32F401xB/STM32F401xC pin definitions and Table 9: Alternate
function mapping.
Added reference to VREF- for |VSSX −VSS| in Table 11: Voltage
characteristics.
Updated Figure 26: ACCHSI versus temperature.
Updated VIL minimum value and note related to VIH minimum value in
Table 54: I/O static characteristics.
Added note related to external capacitor below Figure 32:
Recommended NRST pin protection.
Updated th(NSS) in Figure 34: SPI timing diagram - slave mode and
CPHA = 0 and Figure 35: SPI timing diagram - slave mode and CPHA
= 1(1).
Added VREF- in Table 66: ADC characteristics.
Section 7: Package information:
– added note related to optional marking and inset/upset marks in all
package marking sections.
– updated b dimension in Table 84: UFBGA100 - 100-ball, 7 x 7 mm,
0.50 mm pitch, ultra fine pitch ball grid array package mechanical
data.
Added new TT packing in Section 8: Part numbering.
Table 88. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com