Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F412XE Datasheet(PDF) 76 Page - STMicroelectronics

Part # STM32F412XE
Description  ARM-Cortex-M4 32b MCUFPU, 125 DMIPS, 1MB Flash, 256KB RAM, USB OTG FS, 17 TIMs, 1 ADC, 17 comm. interfaces
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F412XE Datasheet(HTML) 76 Page - STMicroelectronics

Back Button STM32F412XE Datasheet HTML 72Page - STMicroelectronics STM32F412XE Datasheet HTML 73Page - STMicroelectronics STM32F412XE Datasheet HTML 74Page - STMicroelectronics STM32F412XE Datasheet HTML 75Page - STMicroelectronics STM32F412XE Datasheet HTML 76Page - STMicroelectronics STM32F412XE Datasheet HTML 77Page - STMicroelectronics STM32F412XE Datasheet HTML 78Page - STMicroelectronics STM32F412XE Datasheet HTML 79Page - STMicroelectronics STM32F412XE Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 193 page
background image
Electrical characteristics
STM32F412xE/G
76/193
DocID028087 Rev 4
6.3
Operating conditions
6.3.1
General operating conditions
Table 15. General operating conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fHCLK
Internal AHB clock frequency
Power Scale3: Regulator ON,
VOS[1:0] bits in PWR_CR register = 0x01
0-
64
MHz
Power Scale2: Regulator ON,
VOS[1:0] bits in PWR_CR register = 0x10
0
-
84
Power Scale1: Regulator ON,
VOS[1:0] bits in PWR_CR register = 0x11
0-
100
fPCLK1
Internal APB1 clock
frequency
-0
-
50
MHz
fPCLK2
Internal APB2 clock
frequency
-0
-
100
MHz
VDD
Standard operating voltage
-
1.7(1)
-3.6
V
VDDA(2)(3)
Analog operating voltage
(ADC limited to 1.2 M
samples)
Must be the same potential as VDD(4)
1.7(1)
-2.4
V
Analog operating voltage
(ADC limited to 2.4 M
samples)
2.4
-
3.6
VDDUSB
USB supply voltage
(supply voltage for PA11 and
PA12 pins)
USB not used
1.7
3.3
3.6
V
USB used(5)
3.0
-
3.6
VBAT
Backup operating voltage
-
1.65
-
3.6
V
V12
Regulator ON: 1.2 V
internal voltage on
VCAP_1/VCAP_2 pins
VOS[1:0] bits in PWR_CR register = 0x01
Max frequency 64 MHz
1.08(6) 1.14 1.20(6)
V
VOS[1:0] bits in PWR_CR register = 0x10
Max frequency 84 MHz
1.20(6) 1.26 1.32(6)
VOS[1:0] bits in PWR_CR register = 0x11
Max frequency 100 MHz
1.26
1.32
1.38
V12
Regulator OFF: 1.2 V
external voltage must be
supplied on
VCAP_1/VCAP_2 pins
Max frequency 64 MHz
1.10
1.14
1.20
V
Max frequency 84 MHz
1.20
1.26
1.32
Max frequency 100 MHz
1.26
1.32
1.38
VIN
Input voltage on RST, FT and
TC pins(7)
2 V
≤ VDD ≤ 3.6 V
–0.3
-
5.5
V
VDD ≤ 2 V
–0.3
-
5.2
Input voltage on BOOT0 pin
-
0
-
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com