Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F412XE Datasheet(PDF) 92 Page - STMicroelectronics

Part # STM32F412XE
Description  ARM-Cortex-M4 32b MCUFPU, 125 DMIPS, 1MB Flash, 256KB RAM, USB OTG FS, 17 TIMs, 1 ADC, 17 comm. interfaces
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F412XE Datasheet(HTML) 92 Page - STMicroelectronics

Back Button STM32F412XE Datasheet HTML 88Page - STMicroelectronics STM32F412XE Datasheet HTML 89Page - STMicroelectronics STM32F412XE Datasheet HTML 90Page - STMicroelectronics STM32F412XE Datasheet HTML 91Page - STMicroelectronics STM32F412XE Datasheet HTML 92Page - STMicroelectronics STM32F412XE Datasheet HTML 93Page - STMicroelectronics STM32F412XE Datasheet HTML 94Page - STMicroelectronics STM32F412XE Datasheet HTML 95Page - STMicroelectronics STM32F412XE Datasheet HTML 96Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 193 page
background image
Electrical characteristics
STM32F412xE/G
92/193
DocID028087 Rev 4
Table 31. Typical and maximum current consumption in Stop mode - VDD=3.6 V
Symbol
Conditions
Parameter
Typ
Max(1)
Unit
TA =
25 °C
TA =
25 °C
TA =
85 °C
TA =
105 °C
IDD_STOP
Flash in Stop mode, all
oscillators OFF, no
independent watchdog
Main regulator usage
124.0 179.0(2) 907.2 1762.0(2)
µA
Low power regulator usage
52.8 104.9(2) 773.8 1559.0
Flash in Deep power
down mode, all oscillators
OFF, no independent
watchdog
Main regulator usage
87.6
123.0 698.5 1374.0
Low power regulator usage
26.2
74.7
737.2 1515.0
Low power low voltage regulator usage 20.1
58.5(2) 629.1 1299.0(2)
1. Based on characterization, not tested in production.
2. Tested in production.
Table 32. Typical and maximum current consumption in Standby mode - VDD= 1.7 V
Symbol
Parameter
Conditions
Typ(1)
Max(2)
Unit
TA =
25 °C
TA =
25 °C
TA =
85 °C
TA =
105 °C
IDD_STBY
Supply current in
Standby mode
Low-speed oscillator (LSE in low drive
mode) and RTC ON
1.8
3.7
12.9
23.7
µA
Low-speed oscillator (LSE in high drive
mode) and RTC ON
2.6
4.5
13.7
24.5
RTC and LSE OFF
1.1
3.0
13.1
25.0
1. When the PDR is OFF (internal reset is OFF), the typical current consumption is reduced by 1.2 µA.
2. Based on characterization, not tested in production unless otherwise specified.
Table 33. Typical and maximum current consumption in Standby mode - VDD= 3.6 V
Symbol
Parameter
Conditions
Typ(1)
Max(2)
Unit
TA =
25 °C
TA =
25 °C
TA =
85 °C
TA =
105 °C
IDD_STBY
Supply current in
Standby mode
Low-speed oscillator (LSE in low drive
mode) and RTC ON
3.7
5.4
16.0
28.4
µA
Low-speed oscillator (LSE in high drive
mode) and RTC ON
4.5
6.2
16.8
29.2
RTC and LSE OFF
2.6
4.0
16.0
30.0(3)
1. When the PDR is OFF (internal reset is OFF), the typical current consumption is reduced by 1.2 µA.
2. Guaranteed by characterization, not tested in production unless otherwise specified.
3. Tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com