Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F412XE Datasheet(PDF) 97 Page - STMicroelectronics

Part # STM32F412XE
Description  ARM-Cortex-M4 32b MCUFPU, 125 DMIPS, 1MB Flash, 256KB RAM, USB OTG FS, 17 TIMs, 1 ADC, 17 comm. interfaces
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F412XE Datasheet(HTML) 97 Page - STMicroelectronics

Back Button STM32F412XE Datasheet HTML 93Page - STMicroelectronics STM32F412XE Datasheet HTML 94Page - STMicroelectronics STM32F412XE Datasheet HTML 95Page - STMicroelectronics STM32F412XE Datasheet HTML 96Page - STMicroelectronics STM32F412XE Datasheet HTML 97Page - STMicroelectronics STM32F412XE Datasheet HTML 98Page - STMicroelectronics STM32F412XE Datasheet HTML 99Page - STMicroelectronics STM32F412XE Datasheet HTML 100Page - STMicroelectronics STM32F412XE Datasheet HTML 101Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 193 page
background image
DocID028087 Rev 4
97/193
STM32F412xE/G
Electrical characteristics
161
On-chip peripheral current consumption
The MCU is placed under the following conditions:
•
At startup, all I/O pins are in analog input configuration.
•
All peripherals are disabled unless otherwise mentioned.
•
The ART accelerator is ON.
•
Voltage Scale 2 mode selected, internal digital voltage V12 = 1.26 V.
•
HCLK is the system clock at 100 MHz. fPCLK1 = fHCLK/2, and fPCLK2 = fHCLK.
The given value is calculated by measuring the difference of current consumption
–
with all peripherals clocked off,
–
with only one peripheral clocked on,
–
scale 1 with fHCLK = 100 MHz,
–
scale 2 with fHCLK = 84 MHz,
–
scale 3 with fHCLK = 64 MHz.
•
Ambient operating temperature is 25 °C and VDD=3.3 V.
Table 36. Peripheral current consumption
Peripheral
IDD (Typ)
Unit
Scale 1
Scale 2
Scale 3
AHB1
GPIOA
1.84
1.75
1.55
µA/MHz
GPIOB
1.90
1.80
1.61
GPIOC
1.77
1.67
1.50
GPIOD
1.67
1.58
1.42
GPIOE
1.75
1.67
1.48
GPIOF
1.65
1.56
1.39
GPIOG
1.65
1.56
1.39
GPIOH
0.62
0.57
0.53
CRC
0.26
0.25
0.22
DMA1(1)
1,71N+2,98 1,62N+2,87 1,45N+2,58
DMA2(1)
1,78N+2,62 1,70N+2.53 1,52N+2.26
AHB2
RNG
0.77
0.74
0.66
USB_OTG_FS
19.68
18.73
16.78
AHB3
FSMC
5.36
5.11
4.56
QSPI
9.99
9.51
8.53



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com