Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F412XE Datasheet(PDF) 129 Page - STMicroelectronics

Part # STM32F412XE
Description  ARM-Cortex-M4 32b MCUFPU, 125 DMIPS, 1MB Flash, 256KB RAM, USB OTG FS, 17 TIMs, 1 ADC, 17 comm. interfaces
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F412XE Datasheet(HTML) 129 Page - STMicroelectronics

Back Button STM32F412XE Datasheet HTML 125Page - STMicroelectronics STM32F412XE Datasheet HTML 126Page - STMicroelectronics STM32F412XE Datasheet HTML 127Page - STMicroelectronics STM32F412XE Datasheet HTML 128Page - STMicroelectronics STM32F412XE Datasheet HTML 129Page - STMicroelectronics STM32F412XE Datasheet HTML 130Page - STMicroelectronics STM32F412XE Datasheet HTML 131Page - STMicroelectronics STM32F412XE Datasheet HTML 132Page - STMicroelectronics STM32F412XE Datasheet HTML 133Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 193 page
background image
DocID028087 Rev 4
129/193
STM32F412xE/G
Electrical characteristics
161
Figure 40. SPI timing diagram - slave mode and CPHA = 0
ta(SO)
Data output access time Slave mode
7
-
21
ns
tdis(SO)
Data output disable time Slave mode
5
-
12
ns
tv(SO)
Data output valid time
Slave mode (after enable edge),
2.7 V < VDD < 3.6 V
-7.5
9
ns
Slave mode (after enable edge),
1.7 V < VDD < 3.6 V
-7.5
14
ns
th(SO)
Data output hold time
Slave mode (after enable edge),
1.7 V < VDD < 3.6 V
5.5
-
-
ns
tv(MO)
Data output valid time
Master mode (after enable edge)
-
3
8
ns
th(MO)
Data output hold time
Master mode (after enable edge)
2
-
-
ns
1. Guaranteed by characterization, not tested in production.
2. Maximum frequency in Slave transmitter mode is determined by the sum of tv(SO) and tsu(MI) which has to fit
into SCK low or high phase preceding the SCK sampling edge. This value can be achieved when the SPI
communicates with a master having tsu(MI) = 0 while Duty(SCK) = 50%
Table 64. SPI dynamic characteristics(1) (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com