Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F412XE Datasheet(PDF) 154 Page - STMicroelectronics

Part # STM32F412XE
Description  ARM-Cortex-M4 32b MCUFPU, 125 DMIPS, 1MB Flash, 256KB RAM, USB OTG FS, 17 TIMs, 1 ADC, 17 comm. interfaces
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F412XE Datasheet(HTML) 154 Page - STMicroelectronics

Back Button STM32F412XE Datasheet HTML 150Page - STMicroelectronics STM32F412XE Datasheet HTML 151Page - STMicroelectronics STM32F412XE Datasheet HTML 152Page - STMicroelectronics STM32F412XE Datasheet HTML 153Page - STMicroelectronics STM32F412XE Datasheet HTML 154Page - STMicroelectronics STM32F412XE Datasheet HTML 155Page - STMicroelectronics STM32F412XE Datasheet HTML 156Page - STMicroelectronics STM32F412XE Datasheet HTML 157Page - STMicroelectronics STM32F412XE Datasheet HTML 158Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 193 page
background image
Electrical characteristics
STM32F412xE/G
154/193
DocID028087 Rev 4
Table 91. Synchronous multiplexed NOR/PSRAM read timings(1)(2)
1. CL = 30 pF.
2. Based on characterization, not tested in production.
Symbol
Parameter
Min
Max
Unit
tw(CLK)
FSMC_CLK period
2THCLK - 0.5
-
ns
td(CLKL-NExL)
FSMC_CLK low to FSMC_NEx low (x=0..2)
-
1
td(CLKH_NExH)
FSMC_CLK high to FSMC_NEx high (x= 0…2)
THCLK + 0.5
-
td(CLKL-NADVL)
FSMC_CLK low to FSMC_NADV low
-
1
td(CLKL-NADVH) FSMC_CLK low to FSMC_NADV high
0
-
td(CLKL-AV)
FSMC_CLK low to FSMC_Ax valid (x=16…25)
-
2
td(CLKH-AIV)
FSMC_CLK high to FSMC_Ax invalid
(x=16…25)
THCLK
-
td(CLKL-NOEL)
FSMC_CLK low to FSMC_NOE low
-
1.5
td(CLKH-NOEH)
FSMC_CLK high to FSMC_NOE high
THCLK
-
td(CLKL-ADV)
FSMC_CLK low to FSMC_AD[15:0] valid
-
2.5
td(CLKL-ADIV)
FSMC_CLK low to FSMC_AD[15:0] invalid
0
-
tsu(ADV-CLKH)
FSMC_A/D[15:0] valid data before FSMC_CLK
high
1
-
th(CLKH-ADV)
FSMC_A/D[15:0] valid data after FSMC_CLK
high
2
-
tsu(NWAIT-CLKH) FSMC_NWAIT valid before FSMC_CLK high
2
-
th(CLKH-NWAIT)
FSMC_NWAIT valid after FSMC_CLK high
2
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com