Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F412XE Datasheet(PDF) 159 Page - STMicroelectronics

Part # STM32F412XE
Description  ARM-Cortex-M4 32b MCUFPU, 125 DMIPS, 1MB Flash, 256KB RAM, USB OTG FS, 17 TIMs, 1 ADC, 17 comm. interfaces
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F412XE Datasheet(HTML) 159 Page - STMicroelectronics

Back Button STM32F412XE Datasheet HTML 155Page - STMicroelectronics STM32F412XE Datasheet HTML 156Page - STMicroelectronics STM32F412XE Datasheet HTML 157Page - STMicroelectronics STM32F412XE Datasheet HTML 158Page - STMicroelectronics STM32F412XE Datasheet HTML 159Page - STMicroelectronics STM32F412XE Datasheet HTML 160Page - STMicroelectronics STM32F412XE Datasheet HTML 161Page - STMicroelectronics STM32F412XE Datasheet HTML 162Page - STMicroelectronics STM32F412XE Datasheet HTML 163Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 193 page
background image
DocID028087 Rev 4
159/193
STM32F412xE/G
Electrical characteristics
161
6.3.26
SD/SDIO MMC/eMMC card host interface (SDIO) characteristics
Unless otherwise specified, the parameters given in Table 95 for the SDIO are derived from
tests performed under the ambient temperature, fPCLK2 frequency and VDD supply voltage
conditions summarized in Table 15, with the following configuration:
•
Output speed is set to OSPEEDRy[1:0] = 10
•
Capacitive load C = 30 pF
•
Measurement points are done at CMOS levels: 0.5VDD
Refer to Section 6.3.16: I/O port characteristics for more details on the input/output
characteristics.
Table 94. Synchronous non-multiplexed PSRAM write timings(1)(2)
1. CL = 30 pF.
2. Based on characterization, not tested in production.
Symbol
Parameter
Min
Max
Unit
tw(CLK)
FSMC_CLK period
2THCLK – 0.5
-
ns
td(CLKL-NExL) FSMC_CLK low to FSMC_NEx low (x=0..2)
-
1
td(CLKH-NExH) FSMC_CLK high to FSMC_NEx high (x= 0…2)
THCLK + 0.5
-
td(CLKL-NADVL) FSMC_CLK low to FSMC_NADV low
-
1
td(CLKL-NADVH) FSMC_CLK low to FSMC_NADV high
0
-
td(CLKL-AV)
FSMC_CLK low to FSMC_Ax valid (x=16…25)
-
2
td(CLKH-AIV)
FSMC_CLK high to FSMC_Ax invalid (x=16…25)
THCLK
-
td(CLKL-NWEL) FSMC_CLK low to FSMC_NWE low
-
1.5
td(CLKH-NWEH) FSMC_CLK high to FSMC_NWE high
THCLK + 0.5
-
td(CLKL-Data) FSMC_D[15:0] valid data after FSMC_CLK low
-
4
td(CLKL-NBLL) FSMC_CLK low to FSMC_NBL low
-
3
td(CLKH-NBLH) FSMC_CLK high to FSMC_NBL high
THCLK
-
tsu(NWAIT-
CLKH)
FSMC_NWAIT valid before FSMC_CLK high
2
-
th(CLKH-NWAIT) FSMC_NWAIT valid after FSMC_CLK high
2
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com