Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F091 Datasheet(PDF) 62 Page - STMicroelectronics

Part # STM32F091
Description  ARM-based 32-bit MCU, up to 256 KB Flash, CAN, 12 timers, ADC, DAC & comm. interfaces, 2.0 - 3.6V
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F091 Datasheet(HTML) 62 Page - STMicroelectronics

Back Button STM32F091 Datasheet HTML 58Page - STMicroelectronics STM32F091 Datasheet HTML 59Page - STMicroelectronics STM32F091 Datasheet HTML 60Page - STMicroelectronics STM32F091 Datasheet HTML 61Page - STMicroelectronics STM32F091 Datasheet HTML 62Page - STMicroelectronics STM32F091 Datasheet HTML 63Page - STMicroelectronics STM32F091 Datasheet HTML 64Page - STMicroelectronics STM32F091 Datasheet HTML 65Page - STMicroelectronics STM32F091 Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 127 page
background image
Electrical characteristics
STM32F091xB STM32F091xC
62/127
DocID026284 Rev 3
I/O system current consumption
The current consumption of the I/O system has two components: static and dynamic.
I/O static current consumption
All the I/Os used as inputs with pull-up generate current consumption when the pin is
externally held low. The value of this current consumption can be simply computed by using
the pull-up/pull-down resistors values given in Table 53: I/O static characteristics.
For the output pins, any external pull-down or external load must also be considered to
estimate the current consumption.
Additional I/O current consumption is due to I/Os configured as inputs if an intermediate
voltage level is externally applied. This current consumption is caused by the input Schmitt
Table 33. Typical current consumption, code executing from Flash memory,
running from HSE 8 MHz crystal
Symbol
Parameter
fHCLK
Typical consumption in
Run mode
Typical consumption in
Sleep mode
Unit
Peripherals
enabled
Peripherals
disabled
Peripherals
enabled
Peripherals
disabled
IDD
Current
consumption
from VDD
supply
48 MHz
26.7
15.1
16.4
3.8
mA
36 MHz
20.4
11.8
12.7
3.3
32 MHz
18.5
11.0
11.4
3.0
24 MHz
14.6
8.7
9.0
2.3
16 MHz
10.2
6.1
6.4
1.8
8 MHz
5.1
3.3
3.2
1.2
4 MHz
3.3
2.2
2.3
1.1
2 MHz
2.2
1.7
1.7
1.1
1 MHz
1.6
1.4
1.4
1.1
500 kHz
1.4
1.2
1.2
1.0
IDDA
Current
consumption
from VDDA
supply
48 MHz
172
μA
36 MHz
131
32 MHz
119
24 MHz
93
16 MHz
67
8 MHz
2.7
4 MHz
2.7
2 MHz
2.7
1 MHz
2.7
500 kHz
2.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com