Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F091 Datasheet(PDF) 39 Page - STMicroelectronics

Part # STM32F091
Description  ARM-based 32-bit MCU, up to 256 KB Flash, CAN, 12 timers, ADC, DAC & comm. interfaces, 2.0 - 3.6V
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F091 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button STM32F091 Datasheet HTML 35Page - STMicroelectronics STM32F091 Datasheet HTML 36Page - STMicroelectronics STM32F091 Datasheet HTML 37Page - STMicroelectronics STM32F091 Datasheet HTML 38Page - STMicroelectronics STM32F091 Datasheet HTML 39Page - STMicroelectronics STM32F091 Datasheet HTML 40Page - STMicroelectronics STM32F091 Datasheet HTML 41Page - STMicroelectronics STM32F091 Datasheet HTML 42Page - STMicroelectronics STM32F091 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 127 page
background image
DocID026284 Rev 3
39/127
STM32F091xB STM32F091xC
Pinouts and pin descriptions
40
A10
76A749B337
PA14
I/O
FT
(3)
(4)
USART2_TX, SWCLK
-
A9
77
A6
50
A2
38
PA15
I/O
FT
(3)
SPI1_NSS, I2S1_WS,
USART2_RX,
USART4_RTS,
TIM2_CH1_ETR,
EVENTOUT
-
B11
78B751A3
-
PC10
I/O
FT
(3)
USART3_TX,
USART4_TX
-
C10
79B652
C4
-
PC11
I/O
FT
(3)
USART3_RX,
USART4_RX
-
B10
80C553
B4
-
PC12
I/O
FT
(3)
USART3_CK,
USART4_CK,
USART5_TX
-
C9
81
--
--
PD0
I/O
FT
(3)
SPI2_NSS, I2S2_WS,
CAN_RX
-
B9
82
--
--
PD1
I/O
FT
(3)
SPI2_SCK, I2S2_CK
CAN_TX
-
C8
83
B5
54
A4
-
PD2
I/O
FT
(3)
USART3_RTS,
TIM3_ETR, USART5_RX
-
B8
84
--
--
PD3
I/O
FT
SPI2_MISO, I2S2_MCK,
USART2_CTS
-
B7
85
--
--
PD4
I/O
FT
SPI2_MOSI, I2S2_SD,
USART2_RTS
-
A6
86
-
-
-
-
PD5
I/O
FT
USART2_TX
-
B6
87
-
-
-
-
PD6
I/O
FT
USART2_RX
-
A5
88
-
-
-
-
PD7
I/O
FT
USART2_CK
-
A8
89
A5
55
D4
39
PB3
I/O
FT
SPI1_SCK, I2S1_CK,
TIM2_CH2, TSC_G5_IO1,
EVENTOUT, USART5_TX
-
A7
90
A4
56
D5
40
PB4
I/O
FT
SPI1_MISO, I2S1_MCK,
TIM17_BKIN, TIM3_CH1,
TSC_G5_IO2,
EVENTOUT, USART5_RX
-
Table 13. STM32F091xB/xC pin definitions (continued)
Pin numbers
Pin name
(function upon
reset)
Pin functions
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com